Electronic Components Datasheet Search
  English  ▼

X  

PT6672 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6672
Description  5V/3.3V Input 20W Boost Integrated Switching Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6672 Datasheet(HTML) 3 Page - Texas Instruments

  PT6672 Datasheet HTML 1Page - Texas Instruments PT6672 Datasheet HTML 2Page - Texas Instruments PT6672 Datasheet HTML 3Page - Texas Instruments PT6672 Datasheet HTML 4Page - Texas Instruments PT6672 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT6670 Series
Adjusting the Output Voltage of the PT6670
Series Boost Voltage ISR
The Power Trends PT6670 ISRs are a series of convert-
ers that operate from a 3.3V or 5V input bus voltage. In
each case, the output voltage can be adjusted higher or
lower than the factory trimmed pre-set voltage. Adjust-
ment requires the addition of a single external resistor.
Table 1 gives the permissible adjustment range for each
model in the series as V
a(min) and Va(max) respectively.
Adjust Up:
To increase the output, add a resistor
R2 between pin 14 (V
o Adjust) and pins 7-10 (GND).
Adjust Down:
Add a resistor (R1), between pin 14
(V
o Adjust) and pin 1 (Remote Sense).
Refer to Figure 1 and Table 2 for both the placement and value
of the required resistor.
Notes:
1. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
2. Do not exceed the maximum advised adjustment voltage.
Doing so could over stress the part.
3. Never connect capacitors to the V
o Adjust control pin. Any
capacitance added to this pin will affect the stability of the
ISR.
4. In the case of the PT6671, when the output is adjusted
lower than the pre-trimmed output, the maximum input
voltage to the ISR should not exceed (V
0 – 0.5)V.
The adjust up and adjust down resistor values can also be
calculated using the following formulas. Be sure to select
the correct formula parameters from Table 1 for the model
being adjusted.
(R1)
=
Ko (Va – 2.5)
– Rs kΩ
2.5 (Vo – Va)
R2
=
Ko
– Rs kΩ
Va – Vo
Where:
Vo = Original output voltage
Va = Adjusted output voltage
Ko = The multiplier constant in Table 1
Rs = The series resistance from Table 1
Table 1
PT6670 ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt #
3.3V Bus
PT6671
PT6672
PT6673
5.0V Bus
PT6675
PT6674
Vo(nom)
5.0V
9.0V
12.0V
Va(min)
3.8V
8.2V
9.6V
Va(max)
5.5V
9.2V
12.8V
Ko (V·k
Ω
Ω
Ω
Ω
Ω)
25.0
48.75
47.41
Rs (k
Ω
Ω
Ω
Ω
Ω)
4.99
80.6
54.9
Figure 1
PT6670
11,12,13
14
7,8,9,10
4,5,6
Vin
V o
G N D
Vo(adj)
Vsense
1
C
out
+
C
in
+
L
O
A
D
(R1)
Adj Down
R2
Adjust
Up
Vin
COM
COM
Vo
R1 = (Blue)
R2 = Black
Table 2
PT6670 ADJUSTMENT RESISTOR VALUES
Series Pt #
3.3V Bus
PT6671
PT6672
PT6673
5.0V Bus
PT6675
PT6674
Vo(nom)
5.0V
9.0V
12.0V
Va(req’d)
Va(req’d)
3.8
(5.8)k
Ω
8.2
(58.3)k
Ω
3.9
(7.7)k
Ω
8.4
(111.0)k
Ω
4.0
(10.0k
Ω
8.6
(217.0)k
Ω
4.1
(12.8)k
Ω
8.8
(534.0)k
Ω
4.2
(16.3)k
Ω
9.0
4.3
(20.7)k
Ω
9.2
163.0k
Ω
4.4
(26.7)k
Ω
9.4
4.5
(35.0)k
Ω
9.6
(1.2)k
Ω
4.6
(47.5)k
Ω
9.8
(8.0)k
Ω
4.7
(68.3)k
Ω
10.0
(16.2)k
Ω
4.8
(110.0)k
Ω
10.2
(26.2)k
Ω
4.9
(235.0)k
Ω
10.4
(38.7)k
Ω
5.0
10.6
(54.8)k
Ω
5.1
245.0k
Ω
10.8
(76.3)k
Ω
5.2
120.0k
Ω
11.0
(106.0)k
Ω
5.3
78.3k
Ω
11.2
(151.0)k
Ω
5.4
57.5k
Ω
11.4
(226.0)k
Ω
5.5
45.0k
Ω
11.6
(376.0)k
Ω
11.8
(827.0)k
Ω
12.0
12.2
182.0k
Ω
12.4
63.3k
Ω
12.6
24.1k
Ω
12.8
4.4k
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com