Electronic Components Datasheet Search
  English  ▼

X  

HVC4020 Datasheet(PDF) 1 Page - Riedon Powertron

Part # HVC4020
Description  High Resistance, Thick Film Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

HVC4020 Datasheet(HTML) 1 Page - Riedon Powertron

  HVC4020 Datasheet HTML 1Page - Riedon Powertron HVC4020 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page: 8
04/17
Type
0402 5
0603 6
0805 6
1206
1210
2512
4020
Power Rating ( W )4
0.05
0.10
0.125
0.25
0.35
1.01
2.01
Working
Voltage
( VAC )
Trimmed
30
75
100
200
300
1500
4000
Untrimmed
(> 5%)
60
150
200
400
600
2000
6000
Resistance Range
( Ω )
Tolerances Available ( % )
Temperature Coefficients Available ( ± ppm/°C )2
Voltage Coefficients Available ( ppm / V )3
10M - 100M
5 /10 / 20%
50, 100
500 ppm/V
1/5/10/20%
50, 100
500 ppm/V
.5/1/5/10/ 20%
50, 100
500 ppm/V
.5/1/5/10/ 20%
25, 50, 100
250 ppm/V
.5/1/5/10/20%
25, 50, 100
25 ppm/V
.5/1/5/10/20%
25, 50, 100
25 ppm/V
.25/.5/1/5/10%
25, 50, 100
10 ppm/V
>100M - 500M
5 /10 / 20%
100, 250
1000 ppm/V
2/5/10/20%
100, 250
500 ppm/V
2/5/10/20%
100, 250
500 ppm/V
2/5/10/20%
50, 100, 250
500 ppm/V
2/5/10/20%
50, 100, 250
250 ppm/V
1/5/10/20%
25, 50, 100
50 ppm/V
.5/1/5/10/20%
25, 50, 100
25 ppm/V
>500M - 1G
5 /10 / 20%
250, 500
1000 ppm/V
5 /10 / 20%
250, 500
500 ppm/V
5 /10 / 20%
250, 500
500 ppm/V
5 /10 / 20%
100, 250
500 ppm/V
5 /10 / 20%
100, 250
250 ppm/V
1/5/10/20%
100, 250
50 ppm/V
1/5/10/20%
25, 50, 100
25 ppm/V
>1G - 10G
10 / 20 / 30%
1000, 2000
2000 ppm/V
5/10/20/30%
500, 1000
1000 ppm/V
5 / 10 / 20%
500, 1000
1000 ppm/V
5 / 10 / 20%
500, 1000
500 ppm/V
5 / 10 / 20%
250, 500
250 ppm/V
2/5/10/20%
100, 250
100 ppm/V
2/5/10/20%
50, 100
50 ppm/V
>10G - 100G
10 / 20 / 30%
2000, 3000
5000 ppm/V
10 / 20 / 30%
1000, 2000
3000 ppm/V
10 / 20 / 30%
1000, 2000
3000 ppm/V
10 / 20 / 30%
1000, 2000
1000 ppm/V
5 / 10 / 20%
500, 1000
500 ppm/V
5 / 10 / 20%
250, 500
250 ppm/V
5/10/20/30%
100, 250
100 ppm/V
>100G - 1T
On Request
On Request
See HVS
See HVS
10 / 20 / 30%
1000, 2000
2000 ppm/V
10 / 20 / 30%
500, 1000
1000 ppm/V
10 / 20 / 30%
500 / 1000
500 ppm/V
HVC Series
•
Resistances from 10M to 1T Ohms
•
Power Rating 0.05 to 1.5 Watts
•
Resistance Tolerances to ± 0.25%
•
TCR’s to ± 25 ppm/°C
•
Non-Magnetic
•
High Value Thick Film Resistance Element
•
Sizes, 0402, 0603, 0805, 1206, 1210, 2512, 4020
•
Special High Temperature Version to 300°C (H)
(See ordering Information below)
SPECIFICATIONS
High Resistance, Thick Film Chip Resistors
1) Solder pads must have sufficient heat conduction
2) TCR in ppm/K; +25°C to +125°C; TCR below standard TCR (highest value) and values >100G; +25°C to +85°C
3) VCR: typical values, all negative, not for all TCR values available
4) Continuous operating voltage: V ≤ √(P*R) or max. working voltage (the lower value)
5) Best tolerance for High Temp version is 5%
6) Best tolerance for High Temp version is 2%


Similar Part No. - HVC4020

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVC4020 RIEDON-HVC4020 Datasheet
176Kb / 2P
High Resistance, Thick Film Chip Resistors
logo
Ohmite Mfg. Co.
HVC4020 OHMITE-HVC4020 Datasheet
329Kb / 2P
Low temperature and voltage dependency
logo
Riedon Powertron
HVC4020 RIEDON-HVC4020 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC4020 RIEDON-HVC4020 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC4020 RIEDON-HVC4020 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
More results

Similar Description - HVC4020

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CHS0402 RIEDON-CHS0402 Datasheet
44Kb / 2P
High Resistance Thick Film chip Resistors
CHM0402 RIEDON-CHM0402 Datasheet
291Kb / 2P
High Resistance / Thick Film Chip Resistors
HVC0402 RIEDON-HVC0402 Datasheet
176Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC2512H-100MJ8 RIEDON-HVC2512H-100MJ8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC0805H-100MJ8 RIEDON-HVC0805H-100MJ8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC0805H-330MK8 RIEDON-HVC0805H-330MK8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC1206H-10MJ8 RIEDON-HVC1206H-10MJ8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC1206H-100MJ8 RIEDON-HVC1206H-100MJ8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC1206H-33MJ8 RIEDON-HVC1206H-33MJ8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC2512H-330MK8 RIEDON-HVC2512H-330MK8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com