Electronic Components Datasheet Search
  English  ▼

X  

PT6675 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6675
Description  5V/3.3V Input 20W Boost Integrated Switching Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6675 Datasheet(HTML) 2 Page - Texas Instruments

  PT6675 Datasheet HTML 1Page - Texas Instruments PT6675 Datasheet HTML 2Page - Texas Instruments PT6675 Datasheet HTML 3Page - Texas Instruments PT6675 Datasheet HTML 4Page - Texas Instruments PT6675 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
TYPICAL
CHARACTERISTICS
Note A: All characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
PT6670 Series
5V/3.3V Input 20W Boost
Integrated Switching Regulator
Note A: All characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
PT6671/2/3 (@ Vin=+3.3V) (See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Preliminary Specifications (continued)
Characteristics
PT6670 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Switching Frequency
ƒo
Over Vin range
—
300
—
kHz
0.1A
≤ Io ≤ Iomax
Absolute Maximum
Ta
-40
—
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Free Air Convection (40-60 LFM)
-40
—
+65
°C
Temperature Range
Over Vin and Io ranges with heat tab
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
—
Per Mil-STD-883D, Method 2002.3
—
500
—
G’s
Mechanical Vibration
—
Per Mil-STD-883D, Method 2007.2,
—
7.5
—
G’s
20-2000 Hz, soldered in a PC board
Weight
—
—
—
14
—
grams
Notes: (1) The PT6670 Series requires two 560µF electrolytic capacitors (input and output) for proper operation in all applications.
(2) This product does not include short circuit protection.
PT6674/5 Series (@ Vin=+5.0V) (See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
50
55
60
65
70
75
80
85
90
00.511.5
22.533.5
4
Iout (A)
PT6671
PT6672
PT6673
50
60
70
80
90
100
00.5
11.5
22.5
3
Iout (A)
PT6675
PT6674
0
20
40
60
80
100
120
140
160
180
0
0.5
1
1.5
2
2.5
3
3.5
4
Iout (A)
PT6673
PT6672
PT6671
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
00.511.522.533.5
4
Iout (A)
PT6673
PT6672
PT6671
0
50
100
150
200
250
00.511.5
22.5
3
Iout (A)
PT6674
PT6675
0
1
2
3
4
5
00.511.522.5
3
Iout (A)
PT6674
PT6675



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com