Electronic Components Datasheet Search
  English  ▼

X  

DS3930 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3930
Description  RELIABILITY REPORT FOR DS3930, REV A1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3930 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3930 Datasheet HTML 1Page - Maxim Integrated Products DS3930 Datasheet HTML 2Page - Maxim Integrated Products DS3930 Datasheet HTML 3Page - Maxim Integrated Products DS3930 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Conclusion:
DS3930, Rev A1
The following qualification successfully meets the quality and reliability standards required of all Dallas
Semiconductor products and processes:
Device Description:
A description of this device can be found in the product data sheet. You can find the product data
sheet at http://dbserv.maxim-ic.com/l_datasheet3.cfm.
Reliability Derating:
The Arrhenius model will be used to determine the acceleration factor for failure mechanisms that
are temperature accelerated.
AfT = exp((Ea/k)*(1/Tu - 1/Ts)) = tu/ts
AfT = Acceleration factor due to Temperature
tu = Time at use temperature (e.g. 55°C)
ts = Time at stress temperature (e.g. 125°C)
k = Boltzmann’s Constant (8.617 x 10-5 eV/°K)
Tu = Temperature at Use (°K)
Ts = Temperature at Stress (°K)
Ea = Activation Energy (e.g. 0.7 ev)
The activation energy of the failure mechanism is derived from either internal studies or industry
accepted standards, or activation energy of 0.7ev will be used whenever actual failure mechanisms
or their activation energies are unknown. All deratings will be done from the stress ambient
temperature to the use ambient temperature.
An exponential model will be used to determine the acceleration factor for failure mechanisms,
which are voltage accelerated.
AfV = exp(B*(Vs - Vu))
AfV = Acceleration factor due to Voltage
Vs = Stress Voltage (e.g. 7.0 volts)
Vu = Maximum Operating Voltage (e.g. 5.5 volts)
B = Constant related to failure mechanism type (e.g. 1.0, 2.4, 2.7, etc.)
The Constant, B, related to the failure mechanism is derived from either internal studies or industry
accepted standards, or a B of 1.0 will be used whenever actual failure mechanisms or their B are
unknown. All deratings will be done from the stress voltage to the maximum operating voltage.
Failure rate data from the operating life test is reported using a Chi-Squared statistical model at the
60% or 90% confidence level (Cf).
In addition, Dallas Semiconductor's continuous reliability monitor program ensures that all outgoing
product will continue to meet Maxim's quality and reliability standards. The current status of the
reliability monitor program can be viewed at http://www.maxim-ic.com/TechSupport /dsreliability.html.
The failure rate, Fr, is related to the acceleration during life test by:
Fr = X/(ts * AfV * AfT * N * 2)
X = Chi-Sq statistical upper limit
N = Life test sample size



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com