Electronic Components Datasheet Search
  English  ▼

X  

2SA1585 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SA1585
Description  Silicon PNP transistor in a TO-92 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SA1585 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SA1585 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1585 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1585 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1585 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1585 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SA1585 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SA1585
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-92 塑封封装 PNP 半导体三极管。Silicon PNP transistor in a TO-92 Plastic Package.

饱和压降低,电流增益特性好,与 2SC4115 互补。
Low VCE(sat),Excellent current gain characteristics; complementary pair with 2SC4115.
用于低频放大。
Low Frequency Amplifier.
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
hFE Classifications
Symbol
Q
R
hFE Range
120~270
180~390
1 2
3


Similar Part No. - 2SA1585

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SA1585 JIANGSU-2SA1585 Datasheet
1Mb / 4P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SA1585 DGNJDZ-2SA1585 Datasheet
1Mb / 4P
SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SA1585E JIANGSU-2SA1585E Datasheet
224Kb / 3P
TRANSISTOR
logo
Rohm
2SA1585S ROHM-2SA1585S Datasheet
101Kb / 3P
Low Vce(sat) Transistor (-20V, -3A)
2SA1585S ROHM-2SA1585S Datasheet
91Kb / 4P
Low VCE(sat) Transistor (−20V, −3A)
More results

Similar Description - 2SA1585

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2N2907 FOSHAN-2N2907 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2N4126 FOSHAN-2N4126 Datasheet
791Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA562TM FOSHAN-2SA562TM Datasheet
942Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA608 FOSHAN-2SA608 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA608K FOSHAN-2SA608K Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA720 FOSHAN-2SA720 Datasheet
790Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA733 FOSHAN-2SA733 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA970 FOSHAN-2SA970 Datasheet
977Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
2SA984 FOSHAN-2SA984 Datasheet
689Kb / 5P
Silicon PNP transistor in a TO-92 Plastic Package
2SA1091 FOSHAN-2SA1091 Datasheet
933Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com