Electronic Components Datasheet Search
  English  ▼

X  

PVX6012 Datasheet(PDF) 2 Page - International Rectifier

Part # PVX6012
Description  IGBT Photovoltaic Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVX6012 Datasheet(HTML) 2 Page - International Rectifier

  PVX6012 Datasheet HTML 1Page - International Rectifier PVX6012 Datasheet HTML 2Page - International Rectifier PVX6012 Datasheet HTML 3Page - International Rectifier PVX6012 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PVX6012
2
www.irf.com
INPUT CHARACTERISTICS
Limits
Units
Minimum Control Current (see figure 1)
5.0
mA
Maximum Control Current for Off-State Leakage @TA =+25°C
0.4
mA
Control Current Range (Caution: current limit input LED, see figure 6)
5.0 to 25
mA
Maximum Reverse Voltage
7.0
V
OUTPUT CHARACTERISTICS
Limits
Units
Transient Overvoltage Protection
600
V(DC or AC peak)
Operating Voltage
0-280
V(AC) RMS
0-400
V(DC)
Maximum Load Current @ TA = +40°C
1.0
A(DC)
5mA Control (see figure 1 and Note 1)
1.0
A (AC) RMS
Maximum Surge Current
non-repetitive, 1 sec.
5
A(DC)
non-repetitive 20 msec. (see figure 2)
20
A(DC)
Maximum On-State Voltage Drop @TA =+25°C
2.5
V
For 1A pulsed load, 5mA Control (see figures 3 and 4)
Maximum Off-State Leakage @TA =+25°C, ± 400V (see figure 5)
10
µA
Maximum Turn-On Time @TA =+25°C (see figure 8)
7
ms
For 1A, 400 VDC load, 5mA Control
Maximum Turn-Off Time @TA =+25°C (see figure 8)
1
ms
For 1A, 400 VDC load, 5mA Control
Maximum Output Capacitance @ 100VDC (see figure 7)
50
pF
GENERAL CHARACTERISTICS
Limits
Units
Minimum Dielectric Strength, Input-Output
3750
VRMS
Minimum Insulation Resistance, Input-Output
1012
Ω
@TA =+25°C, 50%RH, 100VDC
Maximum Capacitance, Input-Output
1.0
pF
Maximum Pin Soldering Temperature (10 seconds maximum)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
Electrical Specifications (-40°C
≤ TA ≤ +85°C unless otherwise specified)
Connection Diagram
Notes:
➀ Load handling capability to 0.2 power factor
requires overvoltage protection.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com