Electronic Components Datasheet Search
  English  ▼

X  

DTC115EE Datasheet(PDF) 2 Page - Rohm

Part # DTC115EE
Description  Digital transistors (built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC115EE Datasheet(HTML) 2 Page - Rohm

  DTC115EE Datasheet HTML 1Page - Rohm DTC115EE Datasheet HTML 2Page - Rohm DTC115EE Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTC115EM / DTC115EE / DTC115EUA
Transistors
DTC115EKA / DTC115ESA
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCC
VI
IO
IC(Max.)
Pd
Tj
Tstg
Limits
50
−10~+40
20
100
150
200
300
DTC115EM / DTC115EE
DTC115EUA / DTC115EKA
DTC115ESA
150
−55~+150
Unit
V
V
mA
mW
°C
°C
Supply voltage
Input voltage
Output current
Power
dissipation
Junction temperature
Storage temperature
!
!
!
!
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VI(off)
VO(on)
II
IO(off)
GI
fT
R1
−
−
−
−
82
−
70
−
0.1
−
−
−
250
100
0.5
0.3
0.15
0.5
−
−
130
V
V
mA
µA
−
MHz
k
Ω
VCC
=5V, IO=100µA
VI(on)
3
−−
VO
=0.3V, IO=1mA
IO
=5mA, II=0.25mA
VI
=5V
VCC
=50V, VI=0V
IO
=5mA, VO=5V
VCE
=10V, IE=−5mA, f=100MHz
∗
−
R2/R1
0.8
1
1.2
−
−
Input voltage
Output voltage
Input current
Output current
DC current gain
Transition frequency
Input resistance
∗Transition frequency of the device.
Resistance ratio
!
!
!
!
Package, marking, and packaging specifications
Type
DTC115EE
EMT3
29
TL
3000
DTC115EM
VMT3
29
T2L
8000
DTC115EUA
UMT3
29
T106
3000
DTC115EKA
SMT3
29
T146
3000
DTC115ESA
SPT
−
TP
5000
Package
Marking
Packaging code
Basic ordering unit (pieces)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com