Electronic Components Datasheet Search
  English  ▼

X  

RT9986A Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9986A
Description  7-CH DC/DC Converter for DSC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9986A Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9986A Datasheet HTML 10Page - Richtek Technology Corporation RT9986A Datasheet HTML 11Page - Richtek Technology Corporation RT9986A Datasheet HTML 12Page - Richtek Technology Corporation RT9986A Datasheet HTML 13Page - Richtek Technology Corporation RT9986A Datasheet HTML 14Page - Richtek Technology Corporation RT9986A Datasheet HTML 15Page - Richtek Technology Corporation RT9986A Datasheet HTML 16Page - Richtek Technology Corporation RT9986A Datasheet HTML 17Page - Richtek Technology Corporation RT9986A Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
DS9986A-00 May 2011
www.richtek.com
RT9986A
VBAT = 3.7V
Time (2.5ms/Div)
Power On Sequence
VOUT_CH1
(5V/Div)
VOUT_CH2
(2V/Div)
VOUT_CH4
(2V/Div)
VOUT_CH3
(2V/Div)
CH2 Step-Down Output Voltage vs. Output Current
3.26
3.28
3.30
3.32
3.34
3.36
0
100
200
300
400
500
600
Output Current (mA)
VBAT = 4.5V
VBAT = 5V
VOUT = 3.3V
CH3 Step-Down Output Voltage vs. Output Current
1.800
1.805
1.810
1.815
1.820
1.825
1.830
0
100
200
300
400
500
600
Output Current (mA)
VOUT = 1.8V
VBAT = 3V
VBAT = 4.5V
CH4 Step-Down Output Voltage vs. Output Current
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
0
100
200
300
400
500
600
Output Current (mA)
VBAT = 4.5V
VBAT = 2.7V
VBAT = 3V
VOUT = 1V
CH5 Step-Up Output Voltage vs. Output Current
15.8
15.9
16.0
16.1
16.2
16.3
0
20406080
100
Output Current (mA)
VBAT = 3.4V
VBAT = 4.5V
VOUT = 16V
CH6 Inverting Efficiency vs. Output Current
-8.210
-8.205
-8.200
-8.195
-8.190
0
20406080
100
Output Current (mA)
VBAT = 2.7V
VBAT = 3.4V
VBAT = 4.5V
VOUT =
−8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com