Electronic Components Datasheet Search
  English  ▼

X  

EB346 Datasheet(PDF) 4 Page - Motorola, Inc

Part # EB346
Description  Semiconductor Products Sector Engineering Bulletin
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB346 Datasheet(HTML) 4 Page - Motorola, Inc

  EB346 Datasheet HTML 1Page - Motorola, Inc EB346 Datasheet HTML 2Page - Motorola, Inc EB346 Datasheet HTML 3Page - Motorola, Inc EB346 Datasheet HTML 4Page - Motorola, Inc EB346 Datasheet HTML 5Page - Motorola, Inc EB346 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
DSP56302 and DSP56309 Functional Differences
A pinout for the 196-pin PBGA package is included in the DSP56309 Technical Data Sheet. This package
will include the split power configuration described for the 144-pin TQFP package.
4
I/O Power Changes
The DSP56302 supports 5 V inputs for its peripherals. Complete requirements are described in the
DSP56302 Technical Data Sheet.
The DSP56309 supports 3.3 V inputs. Detailed voltage requirements are included in the DSP56309
Technical Data Sheet.
5
PLL Input Capacitor (CPCAP)
The process change results in a changed requirement for computing the size of CPCAP, the capacitor used
with the PCAP input. Table 1 lists the new formulas for computing the value of this input capacitor for the
DSP56309.
Table 2. Pin Differences between DSP56302 and DSP56309 (144-pin TQFP package)
Pin
Pin Name
DSP56302
DSP56309
18
VCCQ
VCCQL
20
NC
VCCQH
49
NC
VCCQH
56
VCCQ
VCCQL
91
VCCQ
VCCQL
95
VCCA
VCCQH
126
VCCQ
VCCQL
VCCQ = input voltage for core logic
VCCQL = independent input voltage for core logic
NC = not connected
VCCQH = independent input voltage for I/O lines
VCCA = voltage for external address lines
Unlisted pins are the same for both chips.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com