Electronic Components Datasheet Search
  English  ▼

X  

2SC3942 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC3942
Description  Silicon NPN transistor in a TO-220F Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC3942 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC3942 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3942 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3942 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3942 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3942 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3942 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC3942
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
300
V
Collector to Emitter Voltage
VCEO
300
V
Emitter to Base Voltage
VEBO
7.0
V
Collector Current - Continuous
IC
100
mA
Collector Current – Continuous(Pulse)
ICP
200
mA
Collector Power Dissipation
PC
2.0
W
PC(Tc=25 )
℃
10
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=10μA
IE=0
300
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=1.0mA
IB=0
300
V
Emitter to Base Breakdown Voltage
VEBO
IE=10μA
IC=0
7.0
V
Collector Cut-Off Current
ICEO
VCE=200V
IB=0
10
μA
DC Current Gain
hFE
VCE=50V
IC=5.0mA
50
250
Collector to Emitter Saturation
Voltage
VCE(sat) IC=30mA
IB=3.0mA
1.5
V
Base to Emitter Voltage
VBE
VCE=10V
IC=30mA
1.2
V
Transition Frequency
fT
VCE=30V
IC=20mA
f=10MHz
70
140
MHz
Collector output capacitance
Cob
VCB=30V
IE=0
f=1.0MHz
2.7
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com