Electronic Components Datasheet Search
  English  ▼

X  

TIP122D Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # TIP122D
Description  Silicon NPN transistor in a TO-252 Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TIP122D Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TIP122D Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP122D Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP122D Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP122D Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP122D Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP122D Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIP122D
Rev.F May.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-252 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-252 Plastic Package.

与 TIP127D 互补。
Complement to TIP127D.

用于中功率线性开关放大。
Medium power linear switching applications.

PIN1
:Base
PIN 2,4
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
4
1


Similar Part No. - TIP122D

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP122 MOSPEC-TIP122 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP122 MOTOROLA-TIP122 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP122 POINN-TIP122 Datasheet
157Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP122 STMICROELECTRONICS-TIP122 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Boca Semiconductor Corp...
TIP122 BOCA-TIP122 Datasheet
28Kb / 2P
Power Darlingtons for Linear and Switching Applications
More results

Similar Description - TIP122D

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SC4003 FOSHAN-2SC4003 Datasheet
960Kb / 6P
Silicon NPN transistor in a TO-252 Plastic Package.
2SC4793D FOSHAN-2SC4793D Datasheet
907Kb / 6P
Silicon NPN transistor in a TO-252 Plastic Package.
2SD882D FOSHAN-2SD882D Datasheet
877Kb / 6P
Silicon NPN transistor in a TO-252 Plastic Package.
2SD1803 FOSHAN-2SD1803 Datasheet
1,020Kb / 6P
Silicon NPN transistor in a TO-252 Plastic Package.
2SD1857D FOSHAN-2SD1857D Datasheet
762Kb / 6P
Silicon NPN transistor in a TO-252 Plastic Package.
KTC2020D FOSHAN-KTC2020D Datasheet
911Kb / 6P
Silicon NPN transistor in a TO-252 Plastic Package.
MJD112 FOSHAN-MJD112 Datasheet
821Kb / 6P
Silicon NPN transistor in a TO-252 Plastic Package.
MJD340 FOSHAN-MJD340 Datasheet
794Kb / 6P
Silicon NPN transistor in a TO-252 Plastic Package.
BLD128DD FOSHAN-BLD128DD Datasheet
705Kb / 6P
Silicon NPN transistor in a TO-252 Plastic Package.
MJE13003K4 FOSHAN-MJE13003K4 Datasheet
731Kb / 6P
Silicon NPN transistor in a TO-252 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com