Electronic Components Datasheet Search
  English  ▼

X  

TIP31C Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # TIP31C
Description  Silicon NPN transistor in a TO-220 Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TIP31C Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TIP31C Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP31C Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP31C Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP31C Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP31C Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP31C Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIP31
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-220 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-220 Plastic Package.

与 TIP32 互补。
Complement to TIP32.
用于中功率线性开关放大。
Medium power linear switching applications.
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
2
1


Similar Part No. - TIP31C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP31C MOTOROLA-TIP31C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP31C ONSEMI-TIP31C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP31C POINN-TIP31C Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP31C

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BU406 FOSHAN-BU406 Datasheet
1,017Kb / 7P
Silicon NPN transistor in a TO-220 Plastic Package.
KTD1351 FOSHAN-KTD1351 Datasheet
957Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
MJE15032 FOSHAN-MJE15032 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
MJE15036 FOSHAN-MJE15036 Datasheet
1,022Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
TIP41 FOSHAN-TIP41 Datasheet
1,022Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
2SC2654 FOSHAN-2SC2654 Datasheet
570Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
2SD1710A FOSHAN-2SD1710A Datasheet
938Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
TIP122 FOSHAN-TIP122 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
BUL5555 FOSHAN-BUL5555 Datasheet
916Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
MJE13002I7 FOSHAN-MJE13002I7 Datasheet
1,014Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com