Electronic Components Datasheet Search
  English  ▼

X  

TIP36C Datasheet(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # TIP36C
Description  Silicon PNP transistor in a TO-3P Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TIP36C Datasheet(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TIP36C Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP36C Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP36C Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP36C Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP36C Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP36C Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TIP36C
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
波峰焊温度曲线图(无铅) / Temperature Profile for Dip Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 255±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:255
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:270±5℃
时间:10±1 sec.
Temp.:270±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
套管包装 / TUBE
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Tube
只
/套管
Tubes/Inner Box
套管
/盒
Units/Inner Box
只
/盒
Inner Boxes/Outer Box
盒
/箱
Units/Outer Box
只
/箱
Tube 套管
Inner Box 盒
Outer Box 箱
TO-3P
30
15
450
5
2250
497.5×46×8
555×164×50
575×290×180
使用说明 / Notices



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com