Electronic Components Datasheet Search
  English  ▼

X  

TIP41A Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # TIP41A
Description  Silicon NPN transistor in a TO-220 Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

TIP41A Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  TIP41A Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP41A Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP41A Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP41A Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP41A Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. TIP41A Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP41
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
TIP41
TIP41A TIP41B TIP41C
Collector to Base Voltage
VCBO
40
60
80
100
V
Collector to Emitter Voltage
VCEO
40
60
80
100
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
6
A
Peak Collector Current
ICP
10
A
Base Current - Continuous
IB
2
A
Collector Power Dissipation
PC
2
W
Collector Power Dissipation
PC
(Tc=25℃)
65
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tsag
-55~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter
Breakdown Voltage
VCEO
TIP41
IC=30mA
IB=0
40
V
TIP41A
60
TIP41B
80
TIP41C
100
Collector Cut-Off Current
ICEO
TIP41
TIP41A
VCE=30V
IB=0
0.7
mA
TIP41B
TIP41C
VCE=60V
IB=0
Collector Cut-Off Current
ICES
TIP41
VCE=40V
VEB=0
400
μA
TIP41A
VCE=60V
VEB=0
TIP41B
VCE=80V
VEB=0
TIP41C
VCE=100V
VEB=0
Emitter Cut-Off Current
IEBO
VEB=5V
IC=0
1
mA
DC Current Gain
hFE(1)
VCE=4V
IC=3A
15
75
hFE(2)
VCE=4V
IC=0.3A
30
Collector to Emitter
Saturation Voltage
VCE(sat)
IC=6A
IB=0.6A
1.5
V
Base to Emitter Voltage
VBE
IC=6A
VCE=4V
2
V
Transition Frequency
fT
VCE=10V
IC=500mA
3
MHz
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com