Electronic Components Datasheet Search
  English  ▼

X  

G681 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G681
Description  Microprocessor Reset IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G681 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G681 Datasheet HTML 1Page - List of Unclassifed Manufacturers G681 Datasheet HTML 2Page - List of Unclassifed Manufacturers G681 Datasheet HTML 3Page - List of Unclassifed Manufacturers G681 Datasheet HTML 4Page - List of Unclassifed Manufacturers G681 Datasheet HTML 5Page - List of Unclassifed Manufacturers G681 Datasheet HTML 6Page - List of Unclassifed Manufacturers G681 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ver: 03 Preliminary
Jan 25 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G680/G681
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Terminal Voltage (with respect to GND)
VCC.……………………………..……………-0.3V to +6.0V
Input Voltage (VLTH, VHTH)…..……….-0.3V to (VCC + 0.3V)
RESET, RESET (push-pull)....…......-0.3V to (VCC + 0.3V)
RESET (open drain)...…........…........…....-0.3V to +6.0V
Input Current, VCC ............................……................20mA
Output Current, RESET, RESET ..….....................20mA
Continuous Power Dissipation (TA = +70°C)
SOT23-5…………………………………………….568mW
Operating Temperature Range …....….-40°C to +105°C
Storage Temperature Range..…...…….-65°C to +150°C
Lead Temperature (soldering, 10s) ...…....…......+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress rat-
ings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 3.3V (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX UNITS
VCC Range
2.5
5.5
V
Supply Current (SOT23)
ICC
VCC<5.5V
4
7.5
µA
Reset Threshold
VTH
1.225
1.25
1.272
V
Reset Threshold Tempco
70
ppm/°C
VLTH to Reset Delay (Note 2)
VLTH = VTH to VTH – 100mV
15
µs
Reset Active Timeout Period
120
420
860
ms
RESET
(RESET) Output Current Low
IOL
VCC = 2.5V, V RESET (VRESET) = 0.5V, RESET
Asserted or RESET not asserted
8
mA
RESET
Output Current High
(push-pull G680)
IOH
VCC = 2.5V, V RESET (VRESET) = 2V, RESET
not asserted or RESET asserted.
2
mA
RESET
Open-Drain Output Leakage
Current (G681L)
VHTH>VTH, RESET deasserted
1
µA
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design.
Note 2: RESET output is for G680L/G681L; While RESET output is for G680H.
Selector Guide
PART / SUFFIX
OUTPUT TYPE
TOP MARK
G680LT1
Push-pull RESET
680A
G680HT1
Push-pull RESET
680B
G681LT1
Open-Drain RESET
681A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com