Electronic Components Datasheet Search
  English  ▼

X  

2SC2673 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC2673
Description  Silicon NPN transistor in a TO-92 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC2673 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC2673 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2673 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2673 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2673 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2673 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2673 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC2673
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-92 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-92 Plastic Package.
PC,IC 大。
High PC and IC.
用于 2W 乙类推挽功放。
2W output amplifier of portable radios in class B push-pull operation.
PIN1
:Collector
PIN 2
:Base
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
1 2
3


Similar Part No. - 2SC2673

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2673 ROHM-2SC2673 Datasheet
120Kb / 1P
2SC2673
More results

Similar Description - 2SC2673

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2N4401 FOSHAN-2N4401 Datasheet
933Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SC1675 FOSHAN-2SC1675 Datasheet
908Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SC383TM FOSHAN-2SC383TM Datasheet
830Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SC2310 FOSHAN-2SC2310 Datasheet
820Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SD882S FOSHAN-2SD882S Datasheet
933Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
BC639 FOSHAN-BC639 Datasheet
798Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
BF422 FOSHAN-BF422 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
MJE13001B1 FOSHAN-MJE13001B1 Datasheet
771Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package.
MJE13001E1 FOSHAN-MJE13001E1 Datasheet
806Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com