Electronic Components Datasheet Search
  English  ▼

X  

HT93214B Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT93214B
Description  1-memory Tone/Pulse Dialer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93214B Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT93214B Datasheet HTML 1Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 2Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 3Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 4Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 5Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 6Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 7Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 8Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Description
Pin Name
I/O
Internal
Connection
Description
C1~C3
R1~R4
I/O
CMOS
I/O
These pins along with the HKS form a 4
´4 keyboard matrix which can perform key-
board input detection. When on-hook (HKS=high) all the pins are set high. While
off-hook the column group (C1~C3) is set low and the row group (R1~R4) remains
high for input detection.
Pressing a key connects a single row to a single column HKS and actuates the sys-
tem oscillator that results in a dialing signal output. If more than two keys are
pressed at the same time, no response occurs. The key-in debounce time is 20ms.
X1
I
OSC
The system oscillator consists of an inverter, a bias resistor and the necessary load
capacitor on chip. Connecting a standard 3.579545MHz crystal or ceramic resona-
tor to the X1 and X2 terminals can implement the oscillator function. The oscillator is
turned off in the standby mode, and is actuated whenever a keyboard entry is de-
tected.
X2
O
XMUTE
O
NMOS
Open Drain
NMOS open drain structure pulled to VSS during dialing signal transmission. Other-
wise, it is an open circuit. This pin is used to mute the speech circuit when transmit-
ting the dial signal.
HKS
I
CMOS
This pin is used to monitor the status of the hook-switch and its combination with
HFI can control the PO pin output to make or break the line.
HKS=VDD: On-hook state (PO=low). Except for HFI (hand-free control input), other
functions are all disabled.
HKS=VSS: Off-hook state (PO=high). The chip is in the stand-by mode and ready
to receive the key input.
PO
O
NMOS
NMOS open drain output structure, which by receiving the HKS and HFO signals,
control the dialer so as to connect or disconnect the telephone line.
PO is pulled to VSS when HKS is high (on-hook) and HFO is low.
PO is an open circuit which make the line connection when HKS is low (off-hook) or
HFO is high.
During the off-hook state, this pin also outputs the dialing pulse train in pulse mode
dialing. While in the tone mode, this pin is always an open circuit.
MODE
I/O
CMOS
This is a tri-state input/output pin, used for dialing mode selection, either Tone
mode or Pulse mode, 10pps/20pps
MODE=VDD: Pulse, 10pps, M/B=1/2
MODE=Floating: Pulse, 20pps, M/B=1/2
MODE=VSS: Tone.
The MODE selection is checked each time a key input is received.
DTMF
O
CMOS
This pin is active only when the chip transmits tone dialing signals. Otherwise, it al-
ways outputs a low. The pin outputs tone signals to drive the external transmitter
amplifier circuit. The load resistor (to VSS) should not be less than 5k
W and any DC
load connected to VDD is not allowed.
KT
O
NMOS
NMOS open drain structure for keytone output. It outputs 34ms of 600Hz tone burst
when any key is pressed in the pulse mode or when a function key is pressed in the
tone mode.
HFI
I
CMOS
Pulled-high, this pin is a Schmitt trigger input structure. Active low. Applying a nega-
tive going pulse to HFI can toggle the HFO once and hence control the hand-free
function. The pull-high resistance of HFI is about 200k
W typ. An external RC net-
work is recommended for input debouncing.
HFO
O
CMOS
The HFO pin is a CMOS output structure. Its output is toggle- controlled by a nega-
tive transition on HFI pin. When HFO is high, the hand-free function is enabled and
PO outputs a high to connect the line.
The hand-free function can be released by an on-off-hook operation or by another
HFI input. Refer to the functional description for the hand-free functional operation.
VDD
¾¾
Positive power supply, 2.0V~5.5V for normal operation
VSS
¾¾
Negative power supply, ground
MODEO
O
NMOS
NMOS open drain output pin pulled to VSS during tone output and is an open circuit
during pulse output.
HT93214 Series
Rev. 1.10
3
October 2, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com