Electronic Components Datasheet Search
  English  ▼

X  

TUSB8042 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8042
Description  Four-Port USB 3.1 Gen1 Hub
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8042 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB8042 Datasheet HTML 17Page - Texas Instruments TUSB8042 Datasheet HTML 18Page - Texas Instruments TUSB8042 Datasheet HTML 19Page - Texas Instruments TUSB8042 Datasheet HTML 20Page - Texas Instruments TUSB8042 Datasheet HTML 21Page - Texas Instruments TUSB8042 Datasheet HTML 22Page - Texas Instruments TUSB8042 Datasheet HTML 23Page - Texas Instruments TUSB8042 Datasheet HTML 24Page - Texas Instruments TUSB8042 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
21
TUSB8042
www.ti.com
SLLSET2 – AUGUST 2017
Product Folder Links: TUSB8042
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.4.4 SMBus Slave Operation
When the SMBus interface mode is enabled, the TUSB8042 supports read block and write block protocols as a
slave-only SMBus device.
The TUSB8042 slave address is 1000 1xyz, where:
•
x is the state of GANGED/SMBA2/HS_UP pin at reset,
•
y is the state of FULLPWRMGMTz/SMBA1/SS_UP pin at reset, and
•
z is the read/write bit; 1 = read access, 0 = write access.
If the TUSB8042 is addressed by a host using an unsupported protocol it will not respond. The TUSB8042 waits
indefinitely for configuration by the SMBus host and will not connect on the upstream port until the SMBus host
indicates configuration is complete by clearing the CFG_ACTIVE bit.
For details on SMBus requirements, refer to the System Management Bus Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com