Electronic Components Datasheet Search
  English  ▼

X  

2SC3834 Datasheet(PDF) 7 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC3834
Description  Silicon NPN transistor in a TO-220 Plastic Package.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC3834 Datasheet(HTML) 7 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC3834 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3834 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3834 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3834 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3834 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3834 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3834 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2SC3834
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
7 / 7
加湿器应用说明 / Notices

一、特点:适用于 3MHZ 以内的加湿器电路,具有雾化效率高,温升低的特点。
二、应用电路:

三、推荐使用参数:
1、振荡频率:≤3.0MHZ
2、工作电压:≤40V
3、输入功率:≤45W
4、HFE 范围:推荐 60-70,70-80,80-90
四、加湿器应用特别供货说明:
1、为方便客户使用,按 HFE 分档供货,分档为 HFE:60-70,70-80,80-90;
2、客户下单请注明 HFE 分档;
五、特别注意的事项:
1、通电前请确保负载 Y(超声雾化片或其他负载)处于可靠连接状态,以免电路自激损坏功率管;
2、为确保设备在高湿环境下长期可靠运行,装配功率管时,请注意散热面平整,并选择合适的螺
丝扭力,以免造成器件封装破损引发失效。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com