Electronic Components Datasheet Search
  English  ▼

X  

ICS662-03 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ICS662-03
Description  HDTV Audio/Video Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS662-03 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ICS662-03 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS662-03 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS662-03 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS662-03 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS662-03 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS662-03 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HDTV Audio/Video Clock Source
MDS 662-03 C
4
Revision 082003
Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 295-9800 ●
www.icst.com
ICS662-03
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS662-03. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±10%, Ambient Temperature 0 to +70
°C
Item
Rating
Supply Voltage, VDD
5.5V
All Inputs and Outputs
-0.5V to VDD+0.5V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
175
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
No Load, first 8 modes
25
mA
No Load, last 8 modes
16
mA
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Short Circuit Current
IOS
Each output
±50
mA
Nominal Output Impedance
ZOUT
20
Ω
Input Capacitance
CIN
input pins
7
pF
Internal pull-up resistor
RPU
S2 pin
510
k
Ω
S3, S1, S0 pins
120
k
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com