Electronic Components Datasheet Search
  English  ▼

X  

CSR220 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CSR220
Description  2.0Amp Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSR220 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CSR220 Datasheet HTML 1Page - Cystech Electonics Corp. CSR220 Datasheet HTML 2Page - Cystech Electonics Corp. CSR220 Datasheet HTML 3Page - Cystech Electonics Corp. CSR220 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C347LB
Issued Date : 2005.08.31
Revised Date : 2017.07.30
Page No. : 1/4
CSR220-2100LB
CYStek Product Specification
2.0Amp Schottky Barrier Diodes
CSR220-2100LB Series
Features
 For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
 Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
 High reliability
 High surge capability
 Low forward voltage drop
 Epitaxial construction
Mechanical Data
 Case: DO-41 Molded plastic
 Lead: axial leads, solderable per MIL-STD-202 method 208 guaranteed
 Polarity: Color band denotes cathode end
 Mounting position: Any
 Weight: 0.34 grams
Maximum Ratings and Electrical Characteristics
(
Rating at 25C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive
or inductive load.
For capacitive load, derate current by 20% )
Parameter
Symbol
Type
Units
CSR
220
CSR
230
CSR
240
CSR
250
CSR
260
CSR
280
CSR
2100
Repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC blocking voltage
VR
20
30
40
50
60
80
100
V
Maximum instantaneous
forward voltage, IF=2A (Note 1)
VF
0.55
0.7
0.85
V
Maximum Average forward
rectified current
IO
2
A
Peak forward surge current @8.3ms
single half sine wave superimposed
on rated load (JEDEC method)
IFSM
50
A
Maximum DC reverse current
VR=VRRM,TA=25℃(Note 1)
VR=VRRM,TA=100℃(Note 1)
IR
2
20
mA
mA
Maximum thermal resistance,
Junction to ambient (Note)
Rth,JA
35 (typ)
℃/W
Diode junction capacitance @
f=1MHz and applied 4V reverse
voltage
CJ
170 (typ)
pF
Storage temperature
Tstg
-65 ~ +150
℃
Operating temperature
TJ
-65 ~ +125
-65 ~ +150
℃
Notes : 1.Thermal resistance junction to ambient vertical PCB mounting 0.5”(12.7mm) lead length.


Similar Part No. - CSR220

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CSR2200N EATON-CSR2200N Datasheet
1Mb / 28P
Cutler- Hammer
2002
More results

Similar Description - CSR220

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK2XSA CYSTEKEC-SK2XSA Datasheet
87Kb / 3P
2.0Amp. Surface Mount Schottky Barrier Diodes
SK2BSA CYSTEKEC-SK2BSA Datasheet
280Kb / 6P
2.0Amp. Surface Mount Schottky Barrier Diodes
SK2BSB CYSTEKEC-SK2BSB Datasheet
252Kb / 6P
2.0Amp. Surface Mount Schottky Barrier Diodes
SK22SA CYSTEKEC-SK22SA Datasheet
280Kb / 6P
2.0Amp. Surface Mount Schottky Barrier Diodes
SK28SA CYSTEKEC-SK28SA Datasheet
280Kb / 6P
2.0Amp. Surface Mount Schottky Barrier Diodes
SK2100SC CYSTEKEC-SK2100SC Datasheet
173Kb / 5P
2.0Amp. Surface Mount Schottky Barrier Diodes
SK260SC CYSTEKEC-SK260SC Datasheet
150Kb / 5P
2.0Amp. Surface Mount Schottky Barrier Diodes
SK240SC CYSTEKEC-SK240SC Datasheet
150Kb / 5P
2.0Amp. Surface Mount Schottky Barrier Diodes
SK2DSA CYSTEKEC-SK2DSA Datasheet
469Kb / 6P
2.0Amp. Surface Mount Schottky Barrier Diodes
SK2CSA CYSTEKEC-SK2CSA Datasheet
469Kb / 6P
2.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com