Electronic Components Datasheet Search
  English  ▼

X  

MJ491 Datasheet(PDF) 1 Page - Seme LAB

Part # MJ491
Description  Bipolar PNP Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MJ491 Datasheet(HTML) 1 Page - Seme LAB

  MJ491 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MJ491
Bipolar PNP Device.
V
CEO =
60V
I
C = 4A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
4
A
h
FE
@ 2/1 (V
CE / IC)
30
200
-
f
t
4M
Hz
P
D
5
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar PNP Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Similar Part No. - MJ491

ManufacturerPart #DatasheetDescription
logo
Seme LAB
MJ490 SEME-LAB-MJ490 Datasheet
11Kb / 1P
Bipolar PNP Device
More results

Similar Description - MJ491

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N4928 SEME-LAB-SF_2N4928 Datasheet
11Kb / 1P
Bipolar PNP Device
SF_2N5333 SEME-LAB-SF_2N5333 Datasheet
11Kb / 1P
Bipolar PNP Device
SF_2N6468 SEME-LAB-SF_2N6468 Datasheet
10Kb / 1P
Bipolar PNP Device
SF_BUX66 SEME-LAB-SF_BUX66 Datasheet
11Kb / 1P
Bipolar PNP Device
SF_2N6467 SEME-LAB-SF_2N6467 Datasheet
10Kb / 1P
Bipolar PNP Device
SF_BDX16A SEME-LAB-SF_BDX16A Datasheet
11Kb / 1P
Bipolar PNP Device
SF_BDX66 SEME-LAB-SF_BDX66 Datasheet
11Kb / 1P
Bipolar PNP Device
2N6227 SEME-LAB-2N6227 Datasheet
11Kb / 1P
Bipolar PNP Device
BDX86 SEME-LAB-BDX86 Datasheet
11Kb / 1P
Bipolar PNP Device
2N5613 SEME-LAB-2N5613 Datasheet
11Kb / 1P
Bipolar PNP Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com