Electronic Components Datasheet Search
  English  ▼

X  

IPS0551T Datasheet(PDF) 8 Page - International Rectifier

Part # IPS0551T
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS0551T Datasheet(HTML) 8 Page - International Rectifier

Back Button IPS0551T Datasheet HTML 2Page - International Rectifier IPS0551T Datasheet HTML 3Page - International Rectifier IPS0551T Datasheet HTML 4Page - International Rectifier IPS0551T Datasheet HTML 5Page - International Rectifier IPS0551T Datasheet HTML 6Page - International Rectifier IPS0551T Datasheet HTML 7Page - International Rectifier IPS0551T Datasheet HTML 8Page - International Rectifier IPS0551T Datasheet HTML 9Page - International Rectifier IPS0551T Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IPS0551T
8
www.irf.com
Figure 15 - Iclamp (A) Vs Inductive Load (mH)
Figure 16 - Transient Thermal Imped. (oC/W)
Vs Time (s)
Figure 13 - Max.Cont. Ids (A) Vs
Amb. Temperature (oC)
0
10
20
30
40
50
60
70
80
90
100
-50
0
50
100
150
200
r t h = 1 °C /W (cas e t o ambient )
r t h = 5 °C /W
r t h = 1 5 °C /W
r t h = 30°C /W: 1'' f o o t pr int
r t h= 6 0°C/W: s t d. f o o t pr int
Figure 14 - Ids (A) Vs Protection Resp. Time (s)
1
10
100
1000
T=25°C free air/ std. footprint
T=100°C free air/ std. footprint
Current path capability should
be above this curve
Load characteristic should
be below this curve
0.1
1
10
100
1000
0. 001
0. 01
0. 1
1
10
100
single puls e
10 Hz r th=60°C/W dT=25°C
100Hz r th=60°C/W dT=25°C
1k Hz r th=60°C/W dT=25°C
Vbat = 14 V
Tjini = T sd
1.00E -0 2
1.00E -0 1
1.00E +0 0
1.00E +0 1
1.00E +0 2
rth free air / std. fooprint
rth 1 inch² footprint
rth infinite heatsink
Single pulse



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com