Electronic Components Datasheet Search
  English  ▼

X  

IRF6644 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6644
Description  DirectFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6644 Datasheet(HTML) 1 Page - International Rectifier

  IRF6644 Datasheet HTML 1Page - International Rectifier IRF6644 Datasheet HTML 2Page - International Rectifier IRF6644 Datasheet HTML 3Page - International Rectifier IRF6644 Datasheet HTML 4Page - International Rectifier IRF6644 Datasheet HTML 5Page - International Rectifier IRF6644 Datasheet HTML 6Page - International Rectifier IRF6644 Datasheet HTML 7Page - International Rectifier IRF6644 Datasheet HTML 8Page - International Rectifier IRF6644 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
11/23/04
IRF6644
DirectFET
™ Power MOSFET ‚
DirectFET
™ ISOMETRIC
MN
PD - 96908C
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

Fig 1. Typical On-Resistance Vs. Gate Voltage
Typical values (unless otherwise specified)
Fig 2. Typical On-Resistance Vs. Drain Current
Description
The IRF6644 combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve the
lowest on-state resistance in a package that has the footprint of an SO-8 and only 0.7 mm profile. The DirectFET package is compatible with
existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering techniques,
when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows dual sided
cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6644 is optimized for primary side bridge topologies in isolated DC-DC applications, for wide range universal input Telecom applications
(36V - 75V), and for secondary side synchronous rectification in regulated DC-DC topologies. The reduced total losses in the device coupled
with the high level of thermal performance enables high efficiency and low temperatures, which are key for system reliability improvements,
and makes this device ideal for high performance isolated DC-DC converters.
S Q
SX
ST
MQ
M X
MT
MN
l Lead and Bromide Free

l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for High Performance Isolated Converter
Primary Switch Socket
l Optimized for Synchronous Rectification
l Low Conduction Losses
l Compatible with existing Surface Mount Techniques

4.0
6.0
8.0
10.0
12.0
14.0
16.0
VGS, Gate-to-Source Voltage (V)
0.00
0.04
0.08
0.12
TJ = 25°C
TJ = 125°C
ID = 6.2A
VDSS
VGS
RDS(on)
100V max ±20V max 10.7m
Ω@ 10V
Qg tot
Qgd
Vgs(th)
35nC
11.5nC
3.7V
0
4
8
12
16
20
ID, Drain Current (A)
10
11
12
13
14
TA= 25°C
VGS = 8.0V
VGS = 7.0V
VGS = 10V
VGS = 15V
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
220
Max.
8.3
60
82
±20
100
10.3
6.2
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 12mH, RG = 25Ω, IAS = 6.2A.
Notes:


Similar Part No. - IRF6644

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6644PBF IRF-IRF6644PBF Datasheet
260Kb / 10P
DirectFET Power MOSFET
IRF6644PBF IRF-IRF6644PBF Datasheet
261Kb / 10P
Ideal for High Performance Isolated Converter Primary Switch Socket
IRF6644PBF IRF-IRF6644PBF Datasheet
261Kb / 10P
Optimized for Synchronous Rectification
logo
Infineon Technologies A...
IRF6644PBF INFINEON-IRF6644PBF Datasheet
1Mb / 18P
Quality Requirement Category: Consumer
V2.0 2017-03-28
logo
International Rectifier
IRF6644PBF IRF-IRF6644PBF_15 Datasheet
261Kb / 10P
Optimized for Synchronous Rectification
More results

Similar Description - IRF6644

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
DirectFET Power MOSFET
AUIRF7665S2TR IRF-AUIRF7665S2TR Datasheet
348Kb / 11P
DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
DirectFET Power MOSFET
IRF6727MPBF IRF-IRF6727MPBF_09 Datasheet
264Kb / 9P
DirectFET Power MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
DirectFETPower MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com