Electronic Components Datasheet Search
  English  ▼

X  

IRHM7450 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM7450
Description  REPETITIVE AVALANCHE AND dv/dt RATED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7450 Datasheet(HTML) 1 Page - International Rectifier

  IRHM7450 Datasheet HTML 1Page - International Rectifier IRHM7450 Datasheet HTML 2Page - International Rectifier IRHM7450 Datasheet HTML 3Page - International Rectifier IRHM7450 Datasheet HTML 4Page - International Rectifier IRHM7450 Datasheet HTML 5Page - International Rectifier IRHM7450 Datasheet HTML 6Page - International Rectifier IRHM7450 Datasheet HTML 7Page - International Rectifier IRHM7450 Datasheet HTML 8Page - International Rectifier IRHM7450 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRHM7450
500V
0.45
Ω
11A
IRHM8450
500V
0.45
Ω
11A
Features:
n Radiation Hardened up to 1 x 106 Rads (Si)
n Single Event Burnout (SEB) Hardened
n Single Event Gate Rupture (SEGR) Hardened
n Gamma Dot (Flash X-Ray) Hardened
n Neutron Tolerant
n Identical Pre- and Post-Electrical Test Conditions
n Repetitive Avalanche Rating
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
n Ceramic Eyelets
Absolute Maximum Ratings

Parameter
IRHM7450, IRHM8450
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
11
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
7.0
IDM
Pulsed Drain Current
‚
44
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
ƒ
500
mJ
IAR
Avalanche Current
‚
11
A
EAR
Repetitive Avalanche Energy
‚
15
mJ
dv/dt
Peak Diode Recovery dv/dt
„
3.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
9.3 (typical)
g
PD - 90673A
Pre-Irradiation
500Volt, 0.45
Ω
Ω
Ω
Ω
Ω, MEGA RAD HARD HEXFET
International Rectifier’s RAD HARD technology
HEXFETs demonstrate excellent threshold voltage
stability and breakdown voltage stability at total
radiaition doses as high as 1x106 Rads(Si). Under
identical pre- and post-irradiation test conditions, In-
ternational Rectifier’s RAD HARD HEXFETs retain
identical electrical specifications up to 1 x 105 Rads
(Si) total dose. No compensation in gate drive circuitry
is required. These devices are also capable of surviv-
ing transient ionization pulses as high as 1 x 1012 Rads
(Si)/Sec, and return to normal operation within a few
microseconds. Since the RAD HARD process utilizes
International Rectifier’s patented HEXFET technology,
the user can expect the highest quality and reliability
in the industry.
RAD HARD HEXFET transistors also feature all of
the well-established advantages of MOSFETs, such
as voltage control, very fast switching, ease of paral-
leling and temperature stability of the electrical pa-
rameters. They are well-suited for applications such
as switching power supplies, motor controls, invert-
ers, choppers, audio amplifiers and high-energy
pulse circuits in space and weapons environments.
oC
A
REPETITIVE AVALANCHE AND dv/dt RATED
JANSR2N7270
HEXFET® TRANSISTOR
JANSH2N7270
www.irf.com
1
02/01/99
N CHANNEL
MEGA RAD HARD
IRHM7450
IRHM8450


Similar Part No. - IRHM7450

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7450 IRF-IRHM7450 Datasheet
303Kb / 12P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7450 IRF-IRHM7450 Datasheet
303Kb / 12P
Simple Drive Requirements
IRHM7450SE IRF-IRHM7450SE Datasheet
122Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=12A)
IRHM7450SE IRF-IRHM7450SE Datasheet
142Kb / 8P
Simple Drive Requirements
IRHM7450SE IRF-IRHM7450SE_15 Datasheet
142Kb / 8P
Simple Drive Requirements
More results

Similar Description - IRHM7450

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE420 IRF-IRFE420 Datasheet
136Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRFAE40 IRF-IRFAE40 Datasheet
148Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRHM7360 IRF-IRHM7360 Datasheet
332Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED
IRFF320 IRF-IRFF320 Datasheet
135Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRFV460 IRF-IRFV460 Datasheet
258Kb / 10P
REPETITIVE AVALANCHE RATED AND dv/dt RATED
IRFE330 IRF-IRFE330 Datasheet
133Kb / 8P
REPETITIVE AVALANCHE AND dv/dt RATED
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRF240 IRF-IRF240 Datasheet
149Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
REPETITIVE AVALANCHE RATED AND dv/dt RATED
IRHF7310SE IRF-IRHF7310SE Datasheet
39Kb / 4P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com