Electronic Components Datasheet Search
  English  ▼

X  

M52957AFP Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # M52957AFP
Description  Distance Detection Signal Processing for 3V Supply Voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M52957AFP Datasheet(HTML) 2 Page - Hitachi Semiconductor

  M52957AFP Datasheet HTML 1Page - Hitachi Semiconductor M52957AFP Datasheet HTML 2Page - Hitachi Semiconductor M52957AFP Datasheet HTML 3Page - Hitachi Semiconductor M52957AFP Datasheet HTML 4Page - Hitachi Semiconductor M52957AFP Datasheet HTML 5Page - Hitachi Semiconductor M52957AFP Datasheet HTML 6Page - Hitachi Semiconductor M52957AFP Datasheet HTML 7Page - Hitachi Semiconductor M52957AFP Datasheet HTML 8Page - Hitachi Semiconductor M52957AFP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M52957AFP
Rev.1.0, Sep.19.2003, page 2 of 13
Pin Configuration
Outline
16P2E
1
2
3
4
512
13
14
15
16
PSDN
CHN
(TESTN)
NC
STB
GND2
GND1
CHF
PSDF
6
7
89
10
11
CINT
RESET
SOUT
INT
HOLD
CLALV
Vcc
(TESTF)
NC
Note: pin4,13 is connected only engineering sample
Block Diagram
CINT
GND1
CHN
SOUT
PSDN
STATIONARY
LIGHT
REMOVE
I/V
TRANSFORM
AMP
RECKON
PULSE WIDTH
TRANSFORM
(DOUBLE INTEGRATION)
BIAS
REFERENCE
VOLTAGE
NC
TESTF
CHF
SEQUENTIAL CONTROL LOGIC
CLALV
HOLD
INT
9
10
CLAMP LEVEL
SWITCHING
CLAMP
CIRCUIT
Vcc
GND2
HOLD
HOLD
HOLD
16
15
PSDF
2
3
I1
I2
14
12
11
8
13
4
I1
I1+I2
6
STB
5
RESET
7
1
TESTN
NC
I/V
TRANSFORM
AMP
STATIONARY
LIGHT
REMOVE
Note: pin4,13 is connected only engineering sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com