Electronic Components Datasheet Search
  English  ▼

X  

BAS116HM Datasheet(PDF) 2 Page - Rohm

Part # BAS116HM
Description  Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAS116HM Datasheet(HTML) 2 Page - Rohm

  BAS116HM Datasheet HTML 1Page - Rohm BAS116HM Datasheet HTML 2Page - Rohm BAS116HM Datasheet HTML 3Page - Rohm BAS116HM Datasheet HTML 4Page - Rohm BAS116HM Datasheet HTML 5Page - Rohm BAS116HM Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAS116HM
                                    Data sheet
             
  
  
  
  
  
  
  
  
 
●Characteristics   (Ta = 25ºC)                                        
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Forward voltage
VF
IF=1mA
-
-
0.90
V
IF=10mA
-
-
1.00
V
IF=50mA
-
-
1.10
V
IF=150mA
-
-
1.25
V
Reverse current
IR
VR=75V Tj=25℃
-
-
5.0
nA
VR=75V Tj=150℃
-
-
80
nA
-
-
-
-
nA
Capacitance between terminals
Ct
VR=0V f=1.0MHz
-
-
4.0
pF
Reverse recovery time
trr
IF=IR=10mA RL=100Ω Irr=1mA
-
-
3.0
μs
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
2/5
 
             
2017/06/06_Rev.001



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com