Electronic Components Datasheet Search
  English  ▼

X  

IXFH6N100F Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFH6N100F
Description  Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH6N100F Datasheet(HTML) 4 Page - IXYS Corporation

  IXFH6N100F Datasheet HTML 1Page - IXYS Corporation IXFH6N100F Datasheet HTML 2Page - IXYS Corporation IXFH6N100F Datasheet HTML 3Page - IXYS Corporation IXFH6N100F Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXFH 6N100F
IXFT 6N100F
Q
g - nanocoulombs
0
10
20304050
0
2
4
6
8
10
I
D = 3A
V
DS = 500V
V
DS - Volts
0
5
10
15
20
25
30
35
40
40
50
70
200
300
400
500
700
2000
100
1000
Crss
Coss
Ciss
f = 1MHz
Pulse Width - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
D = Duty Cycle
D=0.2
D=0.5
D=0.1
D=0.05
D=0.02
D=0.01
Single pulse
T
J = 125
OC
T
J = 25
OC
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
10
12
14
16
18
T
J = 125
oC
T
J = 25
oC
I
G = 10mA
Fig. 7. Gate Charge Characteristic Curve
Fig. 8. Capacitance Curves
Fig. 9. Source Current vs. Source to Drain Voltage
Fig. 10. Thermal Impedance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com