Electronic Components Datasheet Search
  English  ▼

X  

RG58U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RG58U
Description  SUHNER COAXIAL CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG58U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RG58U Datasheet HTML 1Page - List of Unclassifed Manufacturers RG58U Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
68+1(59 &2$;,$/ &$%/(
8QFRQWUROOHG FRS\
6XSHUVHGHV
/DVW DPHQGHG
,VVXHG&KHFNHG5HOHDVHG
,VVXH 1R
'RFXPHQW 1R 

 

+-
7HPSHUDWXUH UDQJH
7<3( 5*  &8
,WHP 



&DEOH GHVLJQ
68+1(5 6:,7=(5/$1'
 ,QQHU FRQGXFWRU
6WUDQGHG WLQQHG FRSSHU
[  PP
—  PP



 'LHOHFWULF
6ROLG SRO\HWK\OHQH 3(
—  PP


 2XWHU FRQGXFWRU
7LQQHG FRSSHU EUDLG
 FRYHUDJH
—  PP



 -DFNHW
1RQPLJUDWRU\ 39&
EN 5$/ 
—  PP



3ULQW RQ MDFNHW
68+1(5 6:,7=(5/$1' 5*  &8  2KP

(OHFWULFDO GDWD
7\S RSHUDWLQJ IUHTXHQF\
*+]
‹ 

,PSHGDQFH
W
 ™ 

&DSDFLWDQFH
S)P


5HODWLYH VLJQDO SURSDJDWLRQ


6LJQDO GHOD\
QVP


3KDVH VWDELOLW\
YV WHPSHUDWXUH
˜*+]P



YV EHQGLQJ
˜*+]


,QVXODWLRQ UHVLVWDQFH
0WP
!

7HVW YROWDJH
 +]   PLQ
N9UPV 


0D[ RSHUDWLQJ YROWDJH DW VHD OHYHO
N9UPV 

7\S '& UHVLVWDQFH
LQQHU FRQGXFWRU
WNP



RXWHU FRQGXFWRU
WNP


7\S VFUHHQLQJ HIIHFWLYHQHVV
   0+]
G%
!


*HQHUDO GDWD
&DEOH VSHFLILFDWLRQ
FDEOH GHVLJQ DFFRUGLQJ WR
0,/&


7HPSHUDWXUH UDQJH
RSHUDWLQJ
˜&



LQVWDOODWLRQ
˜&


)ODPH SURSDJDWLRQ
,(& ¤
QD


+DORJHQ FRQWHQW
,(& 
QD


7\S :HLJKW
NJP


0LQ EHQGLQJ UDGLXV
IRU EHQGLQJ RQFH
PP



IRU UHSHDWHG EHQGLQJV
PP


IRU IOH[LEOH DSSOLFDWLRQV
PP


6XLWDEOH FRQQHFWRUV
&DEOH JURXS
8

)RU GHWDLOV UHIHU WR WKH §68+1(59 FRD[LDO FRQQHFWRU FDWDORJXH§ RU FRQWDFW \RXU QHDUHVW +8%(568+1(5 UHSUHVHQWDWLYH


Similar Part No. - RG58U

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
RG58 MULTICOMP-RG58 Datasheet
142Kb / 1P
RG58 Coaxial Cable
28/01/22 V1.1
logo
Qualwave Inc. All right...
RG58 QUALWAVE-RG58 Datasheet
197Kb / 2P
Flexible RF Cables & Assemblies
Rev 1.1
logo
Pasternack Enterprises,...
RG58-P PASTERNACK-RG58-P Datasheet
367Kb / 3P
53 Ohm Flexible RG58-P Plenum Rated Coax Cable Single Shielded with Black FEP Jacket
RG58-TPX PASTERNACK-RG58-TPX Datasheet
311Kb / 2P
Flexible RG58 Coax Cable Single Shielded With Blue TPX Jacket, Rated To 150 C
RG58C-U PASTERNACK-RG58C-U Datasheet
426Kb / 3P
Flexible RG58 Coax Cable Single Shielded with Black PVC (NC) Jacket
More results

Similar Description - RG58U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG223 ETC-RG223 Datasheet
54Kb / 2P
SUHNER COAXIAL CABLE
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
Coaxial Cable
047-6SMPRC MINI-047-6SMPRC Datasheet
291Kb / 2P
Coaxial Cable
086-3SMR MINI-086-3SMR Datasheet
358Kb / 2P
Coaxial Cable
086-5SM MINI-086-5SM Datasheet
561Kb / 3P
Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
Coaxial Cable
086-9SM MINI-086-9SM Datasheet
564Kb / 3P
Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
Coaxial Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com