Electronic Components Datasheet Search
  English  ▼

X  

2SC1846 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC1846
Description  Silicon NPN transistor in a TO-126F Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC1846 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC1846 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1846 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1846 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1846 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1846 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC1846 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC1846
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-126F 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-126F Plastic Package.

VCE(sat)低,与 2SA885 互补可得到 3W 输出。
Low VCE(sat),3W output in complementary pair with 2SA885.
用于中功率放大。
Medium power amplifier.
PIN1
:Emitter
PIN 2
:Collector
PIN 3
:Base
放大及印章代码 / hFE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
hFE Classifications
Symbol
Q
R
S
hFE Range
85~170
120~240
170~340
3
2
1


Similar Part No. - 2SC1846

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1846 PANASONIC-2SC1846 Datasheet
71Kb / 4P
Silicon NPN epitaxial planar type
logo
Savantic, Inc.
2SC1846 SAVANTIC-2SC1846 Datasheet
131Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC1846 JMNIC-2SC1846 Datasheet
186Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC1846 ISC-2SC1846 Datasheet
161Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC1846 SAVANTIC-2SC1846 Datasheet
132Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC1846

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BD233 FOSHAN-BD233 Datasheet
902Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
KSC2690 FOSHAN-KSC2690 Datasheet
919Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
KSC2690A FOSHAN-KSC2690A Datasheet
919Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
KSE180 FOSHAN-KSE180 Datasheet
917Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
KSE340 FOSHAN-KSE340 Datasheet
882Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
KTC4217 FOSHAN-KTC4217 Datasheet
963Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
2SC3422 FOSHAN-2SC3422 Datasheet
423Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
2SC3788 FOSHAN-2SC3788 Datasheet
983Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
2SD886 FOSHAN-2SD886 Datasheet
526Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
2N6718 FOSHAN-2N6718 Datasheet
1,017Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com