Electronic Components Datasheet Search
  English  ▼

X  

2SC3422 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC3422
Description  Silicon NPN transistor in a TO-126F Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC3422 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC3422 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3422 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3422 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3422 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3422 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC3422 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC3422
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1
/ 6
TO-126F 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-126F Plastic Package.

适合于汽车音响的 5W 输出级,hFE 线性好,与 2SA1359 互补。
Suitable for output stage of 5 watts car radio and car stereo, good linearity of hFE complementary to
2SA1359.
用于音频功率放大和低速开关。
Audio frequency power amplifier, low speed switching.
PIN1
:Emitter
PIN 2
:Collector
PIN 3
:Base
放大及印章代码 / h
FE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
hFE Classifications
Symbol
O
Y
GR
hFE Range
80~160
120~240
200~400
3
2
1


Similar Part No. - 2SC3422

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3422 TOSHIBA-2SC3422 Datasheet
151Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY POWER AMPLIFIER, LOW SPEED SWITCHING)
logo
Inchange Semiconductor ...
2SC3422 ISC-2SC3422 Datasheet
184Kb / 2P
Good Linearity of hFE
logo
Toshiba Semiconductor
2SC3422 TOSHIBA-2SC3422_06 Datasheet
120Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier
More results

Similar Description - 2SC3422

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BD233 FOSHAN-BD233 Datasheet
902Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
KSC2690 FOSHAN-KSC2690 Datasheet
919Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
KSC2690A FOSHAN-KSC2690A Datasheet
919Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
KSE180 FOSHAN-KSE180 Datasheet
917Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
KSE340 FOSHAN-KSE340 Datasheet
882Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
KTC4217 FOSHAN-KTC4217 Datasheet
963Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
2SC2258 FOSHAN-2SC2258 Datasheet
784Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
2SC3788 FOSHAN-2SC3788 Datasheet
983Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
2SD886 FOSHAN-2SD886 Datasheet
526Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
2N6718 FOSHAN-2N6718 Datasheet
1,017Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com