Electronic Components Datasheet Search
  English  ▼

X  

2SB1237 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SB1237
Description  Silicon PNP transistor in a TO-92LM Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SB1237 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SB1237 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SB1237 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SB1237 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SB1237 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SB1237 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SB1237 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R2SB1237
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-92LM 塑封封装 PNP 半导体三极管。Silicon PNP transistor in a TO-92LM Plastic Package.
饱和压降低,与 2SD1858 互补。
Low saturation voltage, complements the 2SD1858.
用于中功率放大。
Medium power amplifier applications.
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
hFE Classifications
Symbol
P
Q
R
hFE Range
82~180
120~270
180~390
123


Similar Part No. - 2SB1237

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1237 ROHM-2SB1237 Datasheet
128Kb / 4P
Medium Power Transistor
2SB1237 ROHM-2SB1237 Datasheet
142Kb / 3P
Epitaxial Planar PNP Silicon Translstors
2SB1237 ROHM-2SB1237 Datasheet
79Kb / 5P
Medium Power Transistor (−32V,−1A)
2SB1237 ROHM-2SB1237 Datasheet
149Kb / 4P
Medium Power Transistor (-32V,-1A)
2SB1237 ROHM-2SB1237 Datasheet
179Kb / 5P
Medium Power Transistor (-32V, -1A)
More results

Similar Description - 2SB1237

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SA683 FOSHAN-2SA683 Datasheet
783Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
2SA1020 FOSHAN-2SA1020 Datasheet
928Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
2SA1160 FOSHAN-2SA1160 Datasheet
844Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
2SA1208 FOSHAN-2SA1208 Datasheet
917Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
2SA1703 FOSHAN-2SA1703 Datasheet
866Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
2SB647 FOSHAN-2SB647 Datasheet
903Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
2SB647A FOSHAN-2SB647A Datasheet
903Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
2SB772L FOSHAN-2SB772L Datasheet
842Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
2SB1243 FOSHAN-2SB1243 Datasheet
807Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
KTA1275 FOSHAN-KTA1275 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com