Electronic Components Datasheet Search
  English  ▼

X  

RT9162 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9162
Description  300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9162 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9162 Datasheet HTML 1Page - Richtek Technology Corporation RT9162 Datasheet HTML 2Page - Richtek Technology Corporation RT9162 Datasheet HTML 3Page - Richtek Technology Corporation RT9162 Datasheet HTML 4Page - Richtek Technology Corporation RT9162 Datasheet HTML 5Page - Richtek Technology Corporation RT9162 Datasheet HTML 6Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RT9162
DS9162-07 June 2000
www.richtek-ic.com.tw
1
300mA Low Dropout Positive Voltage Regulator
General Description
The RT9162 is a positive low dropout regulator
designed for applications requiring low dropout
performance at full rated current. The device is
available in fixed output voltages of 3.3V and 3.5V.
The RT9162 provides excellent regulation over line,
load, and temperature variations.
The other features include low dropout performance
at a maximum of 1.3V at 300mA, fast transient
response, internal current limiting, and thermal
shutdown protection of the output devices. The
RT9162 is a three-terminal regulators compatible
with industrial 78XX series and available in surface
mount SOT-89 packages.
Ordering Information
RT9162-
Marking Infromation
Part Number
Marking
RT9162-33CZT
RTA4
RT9162-33CZL
RTA2
RT9162-33CX
A0
RT9162-35CZT
RTA5
RT9162-35CX
RTA3
RT9162-35CX
A1
Features
Low Dropout, Maximum 1.3V at 300mA
Fast Transient Response
±±±±2% Total Output Regulation
0.4% Line Regulation
0.4% Load Regulation
SOT-89 and TO-92 Packages
Applications
5V to 3.3V Linear Regulator
Low Voltage Microcontroller, DSF, … etc. Power
Supply
Linear Regulator for LAN Card and CD-ROM
Pin Configurations
Part Number
Pin Configurations
RT9162-33CZL
RT9162-35CZL
(Plastic TO-92)
1. VIN
2. GND
3. VOUT
RT9162-33CZT
RT9162-35CZT
(Plastic TO-92)
1. GND
2. VIN
3. VOUT
RT9162-33CX
RT9162-35CX
(Plastic SOT-89)
1. VOUT
2. GND
3. VIN
Typical Application Circuit
Operating temperature range
C: Commercial standard
Package type
ZL : TO-92 L type
ZT : TO-92 T type
X : SOT-89
12
3
TOP VIEW
Output voltage
33 : 3.3V
35 : 3.5V
1 2 3
1 2 3
VIN
VOUT
C1
10
µF
VOUT
GND
VIN
C2
10
µF
RT9162-33/35
+
+


Similar Part No. - RT9162

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9162 RICHTEK-RT9162 Datasheet
78Kb / 5P
300mA Low Dropout Positive Voltage Regulator
RT9162-33GX RICHTEK-RT9162-33GX Datasheet
78Kb / 5P
300mA Low Dropout Positive Voltage Regulator
RT9162-33GXL RICHTEK-RT9162-33GXL Datasheet
78Kb / 5P
300mA Low Dropout Positive Voltage Regulator
RT9162-33GZL RICHTEK-RT9162-33GZL Datasheet
78Kb / 5P
300mA Low Dropout Positive Voltage Regulator
RT9162-33GZT RICHTEK-RT9162-33GZT Datasheet
78Kb / 5P
300mA Low Dropout Positive Voltage Regulator
More results

Similar Description - RT9162

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
300mA Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9162 RICHTEK-RT9162_07 Datasheet
78Kb / 5P
300mA Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6250 GAMMA-GM6250 Datasheet
160Kb / 14P
300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
300mA Low Dropout CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com