Electronic Components Datasheet Search
  English  ▼

X  

L38812 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L38812
Description  LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L38812 Datasheet(HTML) 2 Page - Unisonic Technologies

  L38812 Datasheet HTML 1Page - Unisonic Technologies L38812 Datasheet HTML 2Page - Unisonic Technologies L38812 Datasheet HTML 3Page - Unisonic Technologies L38812 Datasheet HTML 4Page - Unisonic Technologies L38812 Datasheet HTML 5Page - Unisonic Technologies L38812 Datasheet HTML 6Page - Unisonic Technologies L38812 Datasheet HTML 7Page - Unisonic Technologies L38812 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTC L388 12 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R108-013,A
PIN DESCRIPTIONS
16-pin
SO
18-pin
DIP
SYMBOL
DESCRIPTION
1
16
CTR
Control input for gain dynamics (25 or 50dB), mute and disable.
2
17
-Txin
Transmitter channel negative input. Input impedance 3kΩ.
3
18
+Txin
Transmitter channel positive input. Input impedance 100kΩ.
4
1
F2out
Output of the second amplifier in the transmitter channel.
5
2
Txout
Transmitter channel output. Min. ac load impedance 10kΩ.
6
3
TxDetin
Input of the transmitter channel signal detector. Input impedance 13kΩ.
7
4
TxDetout
Output of the transmitter channel signal detector. Goes negative referred
to the internal ref. voltage of app.2V when a transmitter signal is present.
8
5
NDet
Background noise detector output. Goes positive referred to the internal
ref. Voltage of app.2V when a background noise signal is present.
9
6
CMP
Comparator input..
Summing point to the different Detector outputs.
10
7
RxDetout
Output of the receiver channel signal detector. Goes positive referred to
the internal ref. Voltage of app.2V when a receiver signal is present
11
8
RxDetin
Input of the receiver channel signal detector. Input impedance 13kΩ.
12
9
Rxout
Receiver channel output. Min. ac load impedance 10kΩ.
13
10
F5out
Output of the second amplifier in the receiver channel.
11
+Rxin
Receiver channel positive input. Input impedance 140kΩ.
14
12
-Rxin
Receiver channel negative input,Input impedance 20kΩ.
15
13
V+
Supply of the speech switching circuitry. A shunt regulator, voltage
apprx. 3.3V at 1.0mA.
16
14
GND
System ground.
15
NC
Not connected.
BLOCK DIAGRAM(16-pin SO package)
1
13
16
12
11
14
10
9
7
8
3
2
15
6
4
5
F3
F2
-
+
F6
F5
F4
Ref.
Control
F1
+
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com