Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA828
Description  50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA828 Datasheet(HTML) 1 Page - Texas Instruments

  INA828 Datasheet HTML 1Page - Texas Instruments INA828 Datasheet HTML 2Page - Texas Instruments INA828 Datasheet HTML 3Page - Texas Instruments INA828 Datasheet HTML 4Page - Texas Instruments INA828 Datasheet HTML 5Page - Texas Instruments INA828 Datasheet HTML 6Page - Texas Instruments INA828 Datasheet HTML 7Page - Texas Instruments INA828 Datasheet HTML 8Page - Texas Instruments INA828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Input Offset Voltage Drift ( V/
ƒC)
C001
+
±
+
±
+
±
40 k
25 k
40 k
40 k
40 k
25 k
Over-
Voltage
Protection
Over-
Voltage
Protection
RG
REF
+VS
OUT
-VS
-IN
+IN
RG
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA828
SBOS792 – AUGUST 2017
INA828 50-µV Offset, 7-nV/
√Hz Noise, Low-Power, Precision Instrumentation Amplifier
1
1 Features
1
•
Precision Instrumentation Amplifier Evolution:
–
Second Generation: INA828
–
First Generation: INA128
•
Low Offset Voltage: 50 µV, MAX
•
Gain Drift: 5 ppm/°C (G = 1), 50 ppm/°C (G > 1)
•
Noise: 7 nV/
√Hz
•
Bandwidth: 2.0 MHz (G = 1), 260 kHz (G = 100)
•
Stable with 1-nF capacitive loads
•
Inputs Protected Up to ±40 V
•
Common-Mode Rejection:
–
110 dB, MIN (G = 10)
•
Power-Supply Rejection: 100 dB, MIN (G = 1)
•
Supply Current: 650 µA, MAX
•
Supply Range:
–
Single Supply: 4.5 V to 36 V
–
Dual Supply: ±2.25 V to ±18 V
•
Specified Temperature Range:
–40°C to +125°C
•
Package: 8-Pin SOIC
2 Applications
•
Industrial Process Controls
•
Circuit Breakers
•
Battery Testers
•
ECG Amplifiers
•
Power Automation
•
Medical Instrumentation
•
Portable Instrumentation
3 Description
The INA828 is a high-precision instrumentation
amplifier that offers low power consumption and
operates over a very wide single- or dual-supply
range. A single external resistor sets any gain from 1
to 1000. The device offers excellent precision due to
the use of new super-beta input transistors which
provide exceptionally low input offset voltage, offset
voltage drift, input bias current, and input voltage and
current noise. Additional circuitry protects the inputs
against overvoltage up to ±40 V.
The
INA828
is
optimized
to
provide
excellent
common-mode rejection ratio. At G = 1, the common-
mode rejection ratio exceeds 90 dB across the full
input common-mode range. The device is well-suited
for low-voltage operation from a 5-V single supply as
well as dual supplies up to ±18 V. Finally, INA828 is
available in an 8-pin SOIC package and specified
over the –40°C to +125°C temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA828
SOIC (8)
4.90 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
INA828 Simplified Internal Schematic
Typical Distribution of Input Offset Voltage Drift


Similar Part No. - INA828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA828 TI-INA828 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA828 TI-INA828 Datasheet
3Mb / 33P
INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA828 TI-INA828 Datasheet
1Mb / 28P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
INA828 TI-INA828 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
INA828 TI1-INA828 Datasheet
2Mb / 32P
INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
MARCH 2025
More results

Similar Description - INA828

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV. D
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
1 nV/?숰z Low Noise Instrumentation Amplifier
Rev. 0
logo
Texas Instruments
INA821 TI1-INA821 Datasheet
1Mb / 36P
35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819 Datasheet
1Mb / 43P
35-關V Offset, 8-nV/?숰z Noise, Low-Power Precision Instrumentation Amplifier
INA821 TI1-INA821_18 Datasheet
1Mb / 41P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_19 Datasheet
1Mb / 44P
35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_V01 Datasheet
2Mb / 45P
INA819 35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_V01 Datasheet
2Mb / 45P
INA821 35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com