Electronic Components Datasheet Search
  English  ▼

X  

INA828ID Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA828ID
Description  50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA828ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA828ID Datasheet HTML 9Page - Texas Instruments INA828ID Datasheet HTML 10Page - Texas Instruments INA828ID Datasheet HTML 11Page - Texas Instruments INA828ID Datasheet HTML 12Page - Texas Instruments INA828ID Datasheet HTML 13Page - Texas Instruments INA828ID Datasheet HTML 14Page - Texas Instruments INA828ID Datasheet HTML 15Page - Texas Instruments INA828ID Datasheet HTML 16Page - Texas Instruments INA828ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
-100
-80
-60
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
15
20
25
30
Time ( s)
C013
-100
-80
-60
-40
-20
0
20
40
60
80
100
-50
-30
-10
10
30
50
70
90
110
130
150
Time ( s)
C014
0
10
20
30
40
50
60
70
1
10
100
1000
Capacitive Load (pF)
Positive Overshoot
Negative Overshoot
C011
-100
-80
-60
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
15
20
25
30
Time ( s)
C012
0
2
4
6
8
10
12
14
16
18
20
100
1k
10k
100k
1M
10M
Frequency (Hz)
VS = ±15 V
VS = ±5 V
C001
-100
-80
-60
-40
0.001
0.01
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
G = 1
G = 10
G = 100
C002
13
INA828
www.ti.com
SBOS792 – AUGUST 2017
Product Folder Links: INA828
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
Figure 37. Large-Signal Frequency Response
500-kHz Measurement bandwidth
1-VRMS Output voltage
100-kΩ Load
Figure 38. THD+N vs Frequency
Figure 39. Overshoot vs Capacitive Loads
G = 1, RL = 10 kΩ, CL = 100 pF
Figure 40. Small-Signal Response
G = 10, RL = 10 kΩ, CL = 100 pF
Figure 41. Small-Signal Response
G = 100, RL = 10 kΩ, CL = 100 pF
Figure 42. Small-Signal Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com