Electronic Components Datasheet Search
  English  ▼

X  

2SC2060 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC2060
Description  Silicon NPN transistor in a TO-92LM Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC2060 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC2060 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2060 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2060 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2060 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2060 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2060 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC2060
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-92LM 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-92LM Plastic Package.
集电极耗散功率大,饱和压降低,可与 2SA934 互补。
High PC, low collector saturation voltage, complementary pair with 2SA934.
用于 1~2W 低频放大。
1~2W low frequency amplifiers.
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
hFE Classifications
Symbol
P
Q
R
hFE Range
82~180
120~270
180~390
123


Similar Part No. - 2SC2060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2060 ETC-2SC2060 Datasheet
519Kb / 1P
TO-92MOD Plastic-Encapsulate Transistors
logo
Rohm
2SC2060 ROHM-2SC2060 Datasheet
195Kb / 2P
TRANSISTORS TO 92L TO-92LS MRT
2SC2060 ROHM-2SC2060 Datasheet
88Kb / 2P
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
logo
TRANSYS Electronics Lim...
2SC2060 TEL-2SC2060 Datasheet
55Kb / 1P
Plastic-Encapsulated Transistors
logo
SHENZHEN YONGERJIA INDU...
2SC2060 WINNERJOIN-2SC2060 Datasheet
122Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2060

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
KTC3205 FOSHAN-KTC3205 Datasheet
903Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
2SC1384 FOSHAN-2SC1384 Datasheet
722Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
2SC2705 FOSHAN-2SC2705 Datasheet
900Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
2SC3328 FOSHAN-2SC3328 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
2SD667 FOSHAN-2SD667 Datasheet
903Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
2SD882L FOSHAN-2SD882L Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
2SD1207 FOSHAN-2SD1207 Datasheet
948Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
KSC2310 FOSHAN-KSC2310 Datasheet
905Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package.
KSC2331 FOSHAN-KSC2331 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package.
KTD1347 FOSHAN-KTD1347 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com