Electronic Components Datasheet Search
  English  ▼

X  

LMV8172 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV8172
Description  Vertical Deflection Output Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV8172 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV8172 Datasheet HTML 1Page - National Semiconductor (TI) LMV8172 Datasheet HTML 2Page - National Semiconductor (TI) LMV8172 Datasheet HTML 3Page - National Semiconductor (TI) LMV8172 Datasheet HTML 4Page - National Semiconductor (TI) LMV8172 Datasheet HTML 5Page - National Semiconductor (TI) LMV8172 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Test Circuits (Continued)
Block Diagram
Application Hints
To get the best possible performance from the LMV8172T it
is important to use a good PCB layout and the correct com-
ponents. The 0.1 µF and 470 µF capacitors on the V
CC1 and
V
EE lines should be as close as possible to their pins. The
power traces should be wide and there should be no jumpers
between the capacitors and the LMV8172T. The value of the
electrolytic capacitors used on the V
CC1
and V
EE
lines
should be 470 µF or greater. The ground traces should also
be as wide as possible. The diode and optional capacitor
should be located close to the LMV8172T. The diode should
be a fast-recovery type, the 1N4937 recommended has a t
rr
of 150 ns. The capacitor is optional, it may be needed in
some PCB layouts. A suggested layout is shown in
Figure 6.
DS100010-4
FIGURE 4.
DS100010-5
FIGURE 5.
www.national.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com