Electronic Components Datasheet Search
  English  ▼

X  

SBYV28 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SBYV28
Description  Soft Recovery Ultrafast Plastic Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV28 Datasheet(HTML) 1 Page - Vishay Siliconix

  SBYV28 Datasheet HTML 1Page - Vishay Siliconix SBYV28 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBYV28-50 thru SBYV28-200
Vishay Semiconductors
formerly General Semiconductor
Document Number 88737
www.vishay.com
11-Feb-02
1
Soft Recovery
Ultrafast Plastic Rectifier
Reverse Voltage 50 to 200V
Forward Current 3.5A
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbols SBYV28-50 SBYV28-100 SBYV28-150 SBYV28-200 Units
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Minimum reverse breakdown voltage at 100
µAV(BR)
55
110
165
220
V
Maximum average forward rectified current
0.375” (9.5mm) lead lengths at TL = 85°C
IF(AV)
3.5
A
Peak forward surge current
8.3 ms single half sine-wave superimposed
IFSM
90
A
on rated load at TJ = 150°C
Typical thermal resistance (1)
R
ΘJA
25
°C/W
Operating and storage temperature range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbols SBYV28-50 SBYV28-100 SBYV28-150 SBYV28-200 Units
Maximum instantaneous forward voltage
TJ=25°C
1.1
at 3.5A (2)
TJ=150
°C
VF
0.89
V
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=100°C
IR
300
µA
Maximum reverse recovery time
at IF = 0.5A, IR = 1.0A, Irr = 0.25A
TJ=25°C
trr
20
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
20
pF
Notes:
(1) Lead length = 3/8” on P.C. Board with 1.5” x 1.5” copper surface
(2) Pulse test: tp = 300
µs, duty cycle ≤ 2%
Dimensions in inches and (millimeters)
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
• Ultrafast recovery time for high efficiency
• Glass passivated junction
• High temperature soldering guaranteed:
250°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-201AD molded plastic body over
passivated chip
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.045 oz., 1.2 g
0.210 (5.3)
0.190 (4.8)
Dia.
0.052 (1.32)
0.048 (1.22)
Dia.
1.0 (25.4)
Min.
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
Min.
DO-201AD


Similar Part No. - SBYV28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV28-100 VISHAY-SBYV28-100 Datasheet
96Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
20-Aug-07
SBYV28-100 VISHAY-SBYV28-100 Datasheet
70Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV28-100 TAYCHIPST-SBYV28-100 Datasheet
15Mb / 2P
Soft Recovery Ultrafast Plastic Rectifier
logo
SUNMATE electronic Co.,...
SBYV28-100 SUNMATE-SBYV28-100 Datasheet
172Kb / 2P
3.0A Axial Leaded Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-100 VISHAY-SBYV28-100 Datasheet
78Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
31-Mar-2022
More results

Similar Description - SBYV28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50 Datasheet
21Kb / 2P
Soft Recovery Ultrafast Plastic Rectifier
14-May-03
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
20-Aug-07
SBYV28-50 VISHAY-SBYV28-50 Datasheet
96Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_09 Datasheet
71Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
22-Oct-09
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
22-Oct-09
UF5400 VISHAY-UF5400_07 Datasheet
71Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
23-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
Soft Recovery Ultrafast Plastic Rectifier
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
Soft Recovery Ultrafast Plastic Rectifier
29-Apr-2020
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
Soft Recovery Ultrafast Plastic Rectifier
31-Mar-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com