Electronic Components Datasheet Search
  English  ▼

X  

74LVC257A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC257A
Description  Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs (3-State)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC257A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC257A Datasheet HTML 2Page - NXP Semiconductors 74LVC257A Datasheet HTML 3Page - NXP Semiconductors 74LVC257A Datasheet HTML 4Page - NXP Semiconductors 74LVC257A Datasheet HTML 5Page - NXP Semiconductors 74LVC257A Datasheet HTML 6Page - NXP Semiconductors 74LVC257A Datasheet HTML 7Page - NXP Semiconductors 74LVC257A Datasheet HTML 8Page - NXP Semiconductors 74LVC257A Datasheet HTML 9Page - NXP Semiconductors 74LVC257A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LVC257A
Quad 2-input multiplexer with 5 Volt tolerant
inputs/outputs (3-State)
1998 Jul 29
6
AC WAVEFORMS
VM = 0.5 × VCC at VCC < 2.7 V
VM = 1.5 V at VCC ≥ 2.7 V
VX = VOL + 0.3 V at VCC ≥ 2.7 V
VX = VOL + 0.1 × VCC at VCC < 2.7 V
VY = VOH – 0.3 V at VCC ≥ 2.7V
VY = VOH – 0.1 × VCC at VCC < 2.7 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00641
VM
S, nI0, nI1
INPUTS
nY OUTPUT
VM
tPLH
tPHL
GND
VCC
VOL
VOH
Figure 1. Input (S, nl0, nl1) to output (nY) propagation delays.
SV00642
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
OUTPUT
LOW-to-OFF
OFF-to-LOW
VM
VM
OE INPUT
VX
VOL
VOH
VY
GND
GND
VCC
VI
VM
Figure 2. 3-state enable and disable times.
TEST CIRCUIT
PULSE
GENERATOR
VI
RT
D.U.T.
VO
CL
50pF
S1
2 x VCC
Open
GND
500
Ω
500
Ω
VCC
VI
t 2.7V
VCC
2.7V – 3.6V
2.7V
Test
S1
GND
tPLZ/tPZL
2 x VCC
tPHZ/tPZH
tPLH/tPHL
Open
SY00003
VCC
Figure 3. Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com