Electronic Components Datasheet Search
  English  ▼

X  

B028RF2S Datasheet(PDF) 2 Page - Dielectric Laboratories, Inc.

Part # B028RF2S
Description  2 to 4 GHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

B028RF2S Datasheet(HTML) 2 Page - Dielectric Laboratories, Inc.

  B028RF2S Datasheet HTML 1Page - Dielectric Laboratories, Inc. B028RF2S Datasheet HTML 2Page - Dielectric Laboratories, Inc. B028RF2S Datasheet HTML 3Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-80
-70
-60
-50
-40
-30
-20
-10
0
1800
2300
2800
3300
3800
4300
Frequency in MHz
Return Loss
-70
-60
-50
-40
-30
-20
-10
0
1000
2000
3000
4000
5000
6000
Frequency in MHz
Narrow Band Performance
-5
-4
-3
-2
-1
0
1800
2300
2800
3300
3800
4300
Frequency in MHz
Passband Performance
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
5000
10000
15000
20000
25000
Frequency in MHz
Wide Band Performance
2of3
B028RF2S
May 2015 Revision C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com