Electronic Components Datasheet Search
  English  ▼

X  

M28S Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # M28S
Description  Silicon NPN transistor in a TO-92 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

M28S Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  M28S Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. M28S Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. M28S Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. M28S Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. M28S Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. M28S Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M28S
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-92 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-92 Plastic Package.
电流大,直流电流增益高
High IC,, high hFE
应用于语音合成器、集成电路音频输出驱动级放大器。
Use in general-purpose Speech Synthsizer(Voice Rom) IC audio output driver stage amplifier
applications.
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
hFE Classifications
Symbol
B
C
D
hFE Range
300~550
500~700
650~1000
1 2
3


Similar Part No. - M28S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M28S UTC-M28S Datasheet
86Kb / 2P
AUDIO OUTPUT DRIVER AMPLIFIER
logo
Galaxy Semi-Conductor H...
M28S BILIN-M28S Datasheet
161Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Dc Components
M28S DCCOM-M28S Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
M28S HTSEMI-M28S Datasheet
304Kb / 1P
TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
M28S SECOS-M28S Datasheet
59Kb / 1P
1A , 40V NPN Plastic Encapsulated Transistor
More results

Similar Description - M28S

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2N4401 FOSHAN-2N4401 Datasheet
933Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SC1675 FOSHAN-2SC1675 Datasheet
908Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SC383TM FOSHAN-2SC383TM Datasheet
830Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SC2310 FOSHAN-2SC2310 Datasheet
820Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
2SD882S FOSHAN-2SD882S Datasheet
933Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
BC639 FOSHAN-BC639 Datasheet
798Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
BF422 FOSHAN-BF422 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
MJE13001B1 FOSHAN-MJE13001B1 Datasheet
771Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package.
MJE13001E1 FOSHAN-MJE13001E1 Datasheet
806Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com