Electronic Components Datasheet Search
  English  ▼

X  

UMP1NFH Datasheet(PDF) 1 Page - Rohm

Part # UMP1NFH
Description  Switching Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMP1NFH Datasheet(HTML) 1 Page - Rohm

  UMP1NFH Datasheet HTML 1Page - Rohm UMP1NFH Datasheet HTML 2Page - Rohm UMP1NFH Datasheet HTML 3Page - Rohm UMP1NFH Datasheet HTML 4Page - Rohm UMP1NFH Datasheet HTML 5Page - Rohm UMP1NFH Datasheet HTML 6Page - Rohm UMP1NFH Datasheet HTML 7Page - Rohm UMP1NFH Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UMP1NFH
Switching Diode (High speed switching)
(AEC-Q101 qualified)
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
          ●Outline
VRM
80
V
     
 
IFM
80
mA
 
 
Io
25
mA
 
 
IFSM
250
mA
 
 
 
     
●Features
●Inner Circuit
High reliability
High speed switching
●Application
●Packaging Specifications
High speed switching
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
●Structure
Basic Ordering Unit(pcs)
3000
Epitaxial planar
Taping Code
TR
Marking
P1
●Absolute Maximum Ratings (Tj = 25ºC)
Parameter
Symbol
Conditions
Limits
Unit
Reverse voltage
VR
-
80
V
Repetitive peak reverse voltage
VRM
-
80
V
Average rectified forward current
Io
-
25
mA
Forward current
IFM
-
80
mA
Peak forward surge current
IFSM
t=1μs
250
mA
Power dissipation
*
     
PD
-
150
mW
Junction temperature
Tj
-
150
℃
Storage temperature
Tstg
-
-55 ~ 150
℃
* 4 elements total
●Characteristics (Tj = 25ºC)
  
Value per element
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Forward voltage
VF
IF=5.0mA
-
-
0.9
V
Reverse current
IR
VR=70V
-
-
0.1
μA
Capacitance between terminals
Ct
VR=6.0V f=1.0MHz
-
-
3.5
pF
Reverse recovery time
trr
VR=6.0V IF=5.0mA RL=50Ω
-
-
4.0
ns
※Caution:static electricity
                                                                                         
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
1/4
 
2016/03/17_Rev.002


Similar Part No. - UMP1NFH

ManufacturerPart #DatasheetDescription
logo
Rohm
UMP1N ROHM-UMP1N Datasheet
83Kb / 3P
Switching diode
UMP1N ROHM-UMP1N Datasheet
173Kb / 3P
Switching diode
UMP1N ROHM-UMP1N Datasheet
1Mb / 8P
Switching Diode
UMP1NTR ROHM-UMP1NTR Datasheet
351Kb / 3P
Switching Diode
UMP1N ROHM-UMP1N_11 Datasheet
1,011Kb / 3P
Switching Diode
More results

Similar Description - UMP1NFH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com