Electronic Components Datasheet Search
  English  ▼

X  

TUSB212 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB212
Description  USB 2.0 High Speed Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB212 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB212 Datasheet HTML 6Page - Texas Instruments TUSB212 Datasheet HTML 7Page - Texas Instruments TUSB212 Datasheet HTML 8Page - Texas Instruments TUSB212 Datasheet HTML 9Page - Texas Instruments TUSB212 Datasheet HTML 10Page - Texas Instruments TUSB212 Datasheet HTML 11Page - Texas Instruments TUSB212 Datasheet HTML 12Page - Texas Instruments TUSB212 Datasheet HTML 13Page - Texas Instruments TUSB212 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
USB
Host or Hub
D1M
D1P
D2M
D2P
Copyright © 2017, Texas Instruments Incorporated
10
TUSB212
SLLSEX5 – AUGUST 2017
www.ti.com
Product Folder Links: TUSB212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The primary purpose of the TUSB212 is to re-store the signal integrity of a USB High Speed channel up to the
USB receptacle. The loss in signal quality stems from reduced channel bandwidth due to high loss PCB trace
and other components that contribute a capacitive load. This can cause the channel to fail the USB near end eye
mask. Proper use of the TUSB212 can help to pass this eye mask.
A secondary purpose is to use the CD pin of the TUSB212 to control other blocks on the customer platform if so
desired.
8.2 Typical Application
A typical application is shown in Figure 6. In this setup, D2P and D2M face the USB connector while D1P and
D1M face the USB host. If desired, the orientation may be reversed [that is, D2 faces transceiver and D1 faces
connector].
Figure 6. Typical Application
8.2.1 Design Requirements
For this design example, use parameters shown in the table below.
Table 3. Design Parameters
PARAMETER
VALUE
VCC (3.0V to 3.6V)
3.3V
I2C support required in system (Yes/No)
No
AC Boost
REQ
Level
AC Boost Level 2:
REQ = 3.83K
0-ohms
0
1.69k +/- 1%
1
3.83k +/- 1%
2
DNI
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com