Electronic Components Datasheet Search
  English  ▼

X  

TUSB215I Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB215I
Description  USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB215I Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB215I Datasheet HTML 4Page - Texas Instruments TUSB215I Datasheet HTML 5Page - Texas Instruments TUSB215I Datasheet HTML 6Page - Texas Instruments TUSB215I Datasheet HTML 7Page - Texas Instruments TUSB215I Datasheet HTML 8Page - Texas Instruments TUSB215I Datasheet HTML 9Page - Texas Instruments TUSB215I Datasheet HTML 10Page - Texas Instruments TUSB215I Datasheet HTML 11Page - Texas Instruments TUSB215I Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
USB
TRANSCEIVER
USB
CONNECTOR
ESD
PROTECTION
OPTIONAL
PLD
D1P
D1M
CD
ENA_HS
D2P
D2M
Low and Full
Speed Bypass
Status Flags
High Speed
Compensation
CDP Controller
8
TUSB215
SLLSEX8A – AUGUST 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TUSB215
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TUSB215 is a USB High-Speed (HS) signal conditioner, designed to compensate for ISI signal loss in a
transmission channel. TUSB215 has a patent-pending design which is agnostic to USB Low Speed (LS) and Full
Speed (FS) signals and does not alter their signal characteristics, while HS signals are compensated. In addition,
the design is compatible with USB On-The-Go (OTG) and Battery Charging (BC) specifications. The TUSB215
provides USB Charging Downstream Port (CDP) controller for applications in which USB host or hub do not have
this function.
Programmable signal AC boost through an external resistor on EQ pin permits fine tuning device performance to
optimize signals helping to pass USB HS electrical compliance tests at the connector. Additional DC Boost
configurable by three level input DC_BOOST pin helps overcoming the cable losses.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 EQ
The EQ pin of the TUSB215 is used to configure the AC boost of the device. The four levels of AC boost are set
through different values of an external pulldown resistor at this pin.
7.3.2 DC BOOST
The DC_BOOST pin of the TUSB215 is a tri-level pin, used to set the DC gain of the device according to
Table 1.
Table 1. DC Boost Settings
DC BOOST SETTING VIA PIN STRAP
DC_BOOST
DC Boost Setting (mV)
VIL
40
VIM
60
VIH
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com