Electronic Components Datasheet Search
  English  ▼

X  

SGF32 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # SGF32
Description  N CHANNEL GAASMES TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SGF32 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  SGF32 Datasheet HTML 1Page - Sanyo Semicon Device SGF32 Datasheet HTML 2Page - Sanyo Semicon Device SGF32 Datasheet HTML 3Page - Sanyo Semicon Device SGF32 Datasheet HTML 4Page - Sanyo Semicon Device SGF32 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SGF32
No.7195-4/5
1000pF
10Ω
10Ω
51Ω
D
S
G
OUTPUT
GaAsMESFET
Z0, θB
VD
Dielectric Resonator
[hp] 3048A Carrier : 10.678GHz
IT04382
0
--10
--20
--30
--40
--50
--60
--70
--80
--90
--100
--110
--120
--130
--140
--150
100
23
5 7 1k
23
5 710k
23
5 7100k
[f] [dBc / Hz] VS f [Hz]
REF 20.0 dBm
ATTEN 30 dB
MKR-TRK 10.678 GHz
10.5 dBm
IT04381
PEAK
LOG
10
dB /
WA SB
SC FS
CORR
SPAN 1.000 MHz
RES BW 10 kHz
VBW 10 kHz
SWP 30 ms
MARKER
10.678 GHz
10.50 dBm
VD=5V
ID=35.0mA
VD=5V
ID=35.0mA
at@ 1kHz --64.0 dBc / Hz
SGF32 の発振評価治具で測定した発振特性
発振評価治具の等価回路図
(バイアス推奨条件:VD=5V, ID=35mA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com