Electronic Components Datasheet Search
  English  ▼

X  

SL3ICS3001FW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SL3ICS3001FW
Description  UCODE HSL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL3ICS3001FW Datasheet(HTML) 3 Page - NXP Semiconductors

  SL3ICS3001FW Datasheet HTML 1Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 2Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 3Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 4Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 5Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 6Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 7Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 8Page - NXP Semiconductors SL3ICS3001FW Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Short Form Specification, Revision 3.0 October 2003
UCODE HSL
SL3ICS30 01
3
1 DESCRIPTION
The UCODE HSL IC (UCODE High frequency Smart Label) is a dedicated chip for passive, intelligent tags and
labels, especially for supply chain management and logistics applications in the US, where operating distances
of several meters can be realized. Further, the UCODE HSL technology platform is also designed for operation
under European regulations.
This integrated circuit is the first member of a product family of smart label ICs targeted to be compliant with
the future ISO standards 18000-4 and 18000-6 for item management.
The UCODE system offers the possibility of operating labels simultaneously in the field of the reader antenna
(Anticollision, Collision Arbitration).
The UCODE HSL family of ICs is especially designed for long range applications.
The tag requires no internal power supply. Its contactless interface generates the power supply via the antenna
circuit by propagative energy transmission from the interrogator (read/write device), while the system clock is
generated by an on-board oscillator. The contactless interface demodulates data transmitted from the
interrogator to the UCODE HSL based tag, and further modulates the electromagnetic field provided by the
interrogator for data transmission from the UCODE HSL based tag to the interrogator.
1.1 Contactless Energy and Data Transfer
Whenever connected to a dedicated antenna for the targeted frequency range, the UCODE HSL can be
operated without the line of sight and without the need of a battery on the tag. When the smart label or tag is
within the operating range of the interrogator (read/write device), the high speed radio frequency communication
interface allows to transmit data in both directions.
The maximum typical operating distances depend on local regulations and the used frequency band.
Table 1: Operating distances for UCODE HSL based tags and labels in released frequency bands.
FREQUENCY RANGE
REGION
AVAILABLE POWER
CALCULATED READ DISTANCE
SINGLE ANTENNA
8,9)
869.4 – 869.65 MHz (UHF)
Europe
1)
0.5 W ERP
4.0 m
865.5 – 867.6 MHz (UHF)
Europe
2)
2 W ERP
8.0 m
902 – 928 MHz (UHF)
America
3)
4 W EIRP
8.4 m
860 – 960 MHz (UHF)
Others
4)
2.400 GHz – 2.4835 GHz
Europe
5)
0.5 W EIRP outdoor
0.6 m
2.400 GHz – 2.4835 GHz
Europe
5)
4 W EIRP indoor
1.8 m
2.400 GHz – 2.4835 GHz
America
6)
4 W EIRP
1.8 m
2.400 GHz – 2.4835 GHz
Others
7)
Notes:
1)
Current CEPT/ETSI regulations: CEPT REC 70-03 Annex 1, ETSI EN 330 220-1
2)
Proposal for future CEPT/ETSI regulations
3)
FCC regulations, Part 15 Section 247
4)
In many other countries regulations either similar to FCC or CEPT/ETSI may apply.
5)
Current CEPT/ETSI regulations: CEPT REC 70-03 Annex 11, ETSI EN 330 440-1
6)
FCC regulations Part 15 Section 247
7)
In many other countries regulations either similar to FCC or CEPT/ETSI apply.
8)
These distances are typical values for general tags and labels. A special tag antenna design could achieve
higher values.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com