Electronic Components Datasheet Search
  English  ▼

X  

SL3145 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # SL3145
Description  1.6GHz NPN TRANSISTOR ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL3145 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  SL3145 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL3145 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL3145 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL3145 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL3145 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL3145 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL3145 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SL3145
1.6GHz NPN TRANSISTOR ARRAYS
The SL3145 is a monolithic array of five high frequency low
current NPN transistors. The SL3145 consists of 3 isolated
transistors and a differential pair in a 14 lead SO package The
transistors exhibit typical fTS of 1.6GHz and wideband noise
figures of 3.0dB The device is pin compatible with the CA3046.
FEATURES
s
f
T Typically 1.6GHz
s
Wideband Noise Figure 3.0dB
s
V
BE Matching Better Than 5mV
APPLICATIONS
s
Wide Band Amplifiers
s
PCM Regenerators
s
High Speed Interface Circuits
s
High Performance Instrumentation Amplifiers
s
High Speed Modems
Fig.1 Pin connections SL3145
MP14
Fig.2 Transition frequency (f
T) v. collector current (VCB= 2V, f=200MHz)
DS3627 - 1.3
ORDERING INFORMATION
SL3145 C MP
ADVANCE INFORMATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com