Electronic Components Datasheet Search
  English  ▼

X  

MB1S Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MB1S
Description  0.8A Surface Mount Glass Passivated Bridge Rectifier, MBS package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MB1S Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MB1S Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MB1S Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MB1S Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MB1S Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MB1S Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MB1S Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MB1S~MB10S
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
MB1S
MB2S
MB4S
MB6S
MB8S
MB10S
Maximum Repetitive Peak
Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking
Voltage
VDC
100
200
400
600
800
1000
V
Average Rectified Output
Currentat Ta = 50℃
Io
0.8
A
Peak Forward Surge
Current 8.3 ms Single Half
Sine Wave Superimposed
on Rated Load (JEDEC
Method)
IFSM
30
A
Typical Junction
Capacitance
(
Note1)
Cj
13
pF
Typical Thermal
Resistance
(
Note2)
RθJA
95
/W
℃
Typical Thermal
Resistance
(
Note2)
RθJL
30
/W
℃
Operating and Storage
Temperature Range
Tj,Tstg
-55~+150
℃
Note:
1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4×( 5×5mm
2)copper pad..
参数
Parameter
符号
Symbol
测试条件
Test
condition
数值
Rating
单位
Unit
Maximum Forward
Voltage
VF
IF=0.4A
1.0
V
IF=0.8A
1.1
Maximum DC
Reverse Current at
Maximum DC
Blocking Voltage
IR
Ta=25℃
Ta=125℃
5.0
40
μ
A
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com