Electronic Components Datasheet Search
  English  ▼

X  

MB14F Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MB14F
Description  1.0A Surface Mount Schottky Bridge竊똌BF thin package?
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MB14F Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MB14F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MB14F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MB14F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MB14F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MB14F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MB14F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MB14F~MB120F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
1.0A
表面贴装肖特基桥,薄型 MBF 封装。
1.0A Surface Mount Schottky Bridge,MBF thin package。
浪涌电流大,反向电压:40V~200V,正向电流:1.0A,适用于表面贴装。无卤产品。
High Surge Current Capability,Reverse Voltage:40to200V,Forward Current:1.0 A,Designed for
Surface Mount Application.Halogen free product.
一般用途.
General purpose.
印章代码 / Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning


Similar Part No. - MB14F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB14F PACELEADER-MB14F Datasheet
242Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Guangdong Juxing Electr...
MB14F JUXING-MB14F Datasheet
868Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifer
logo
DONGGUAN YOU FENG WEI E...
MB14F YFWDIODE-MB14F Datasheet
91Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Guangdong Juxing Electr...
MB14F JUXING-MB14F Datasheet
793Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MB14F YFWDIODE-MB14F Datasheet
497Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - MB14F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM1L30BLP DIODES-SDM1L30BLP_15 Datasheet
364Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BRIDGE
Rev 6
logo
Foshan Blue Rocket Elec...
ABS1 FOSHAN-ABS1 Datasheet
783Kb / 6P
0.8A Surface Mount Glass Passivated Bridge Rectifier竊똀BS/LBF thin package.
FTB10F-10 FOSHAN-FTB10F-10 Datasheet
875Kb / 6P
1.0A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
MB1F FOSHAN-MB1F Datasheet
875Kb / 6P
0.8A Surface Mount Glass Passivated Bridge Rectifier竊똌BF thin package
MB1F-05 FOSHAN-MB1F-05 Datasheet
873Kb / 6P
0.5A Surface Mount Glass Passivated Bridge Rectifier竊똌BF thin package?
MB1F-10 FOSHAN-MB1F-10 Datasheet
874Kb / 6P
1.0A Surface Mount Glass Passivated Bridge Rectifier竊똌BF thin package?
MB24F FOSHAN-MB24F Datasheet
934Kb / 6P
2.0A Surface Mount Schottky Bridge,MBF thin package.
logo
Zibo Seno Electronic En...
KMB12F ZSELEC-KMB12F Datasheet
389Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
TS120S ZSELEC-TS120S Datasheet
135Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Diodes Incorporated
SDM1L30BLP DIODES-SDM1L30BLP Datasheet
586Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BRIDGE
December 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com